Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 211 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 211 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments DAC39RF10 Datasheet HTML 210Page - Texas Instruments DAC39RF10 Datasheet HTML 211Page - Texas Instruments DAC39RF10 Datasheet HTML 212Page - Texas Instruments DAC39RF10 Datasheet HTML 213Page - Texas Instruments DAC39RF10 Datasheet HTML 214Page - Texas Instruments DAC39RF10 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 232 page
background image
Ext PWR
SUPPLY
+28.7 to 3.6V
VDDA
LDO
TPS7H1111-SEP
SW SUPPLY
TPS7H4010-SEP
SW SUPPLY
TPS7H4010-SEP
TPS7H4010-SEP
Inv Buck-boost
-3.3V
+2.2V
FB
10u
0.1u
10u
0.1u
10u
0.1u
10u
0.1u
+1.0V
DVDD, +1.0V
(VDDDIG, VDDT, VDDDEA, VDDDEB)
VDDCSR
VDDA18A, +1.8V
VDDA18B, +1.8V
+1.8V
VDDIO, +1.8V
VDDCLK18, +1.8V
VDDSYS18, +1.8V
VDDR18, +1.8V
VEExA, -1.8V
LDO
TPS7H1210-SEP
10u
0.1u
10u
0.1u
VEExB, -1.8V
LDO
TPS7H1210-SEP
10u
0.1u
10u
0.1u
VDDL
LDO
TPS7H1111-SEP
FB
FB
10u
0.1u
VDDLA, +1.0V
FC
FC
VDDLB, +1.0V
+1.0V
VDDCLK10, +1.0V
0.1u
FC
FB
FC
FC
FC
FC
FC
FC
FC
FC
FC
NOTES:
FB = Ferrite Bead
FC = 3-Terminal
Feedthru Cap
FC
LDO
TPS7H1111-SEP
10u
0.1u
0.1u
FB
+1.0V
-1.8V
-1.8V
SW SUPPLY
TPS7H4010-SEP
FB
+3.0V
NOTE: use separate LDOs if best DAC output isola on is needed
Figure 9-21. Recommended -SEP Power Supply Block Diagram
The VDDA supply is regulated by an LDO, or low-noise drop-out linear regulator, with a +1.8V output and is
further broken down into the following subgroup power domains:
• VDDA: VDDA18A, VDDA18B
• VDDIO
• VDDCSR: VDDCLK18, VDDSYS18, VDDR18
Each device supply can be tied to a single LDO but are isolated with a ferrite bead and/or three-terminal
capacitor or similar.
The VDDL supply is +1V and is further broken down into VDDLA and VDDLB. Each device supply can be tied to
a single LDO but are isolated with a ferrite bead and/or three-terminal capacitor or similar.
The VDDCLK10 supply is +1V and is the most sensitive for achieving the best phase noise performance.
VDDCLK10 should be isolated to a LDO by itself to prevent noise from other 1.0V supplies coupling into the
clock path.
The DVDD supply is +1V and can be directly connected to a switching power supply. The DVDD encompasses
the following device supplies, VDDDIG10, VDDT, VDDEA and VDDEB, which can all be connected together. No
further isolation with a ferrite bead and/or three-terminal capacitor or similar is required.
The VEEx supply is -1.8V derived from a single LDO and is further broken down into VEEAM18 and VEEBM18,
which are isolated with a ferrite bead and/or three-terminal capacitor or similar.
It is also highly recommended to follow these important power supply design considerations:
1. Decouple all power supply rails and bus voltages as they come onto the system board. Further place
additional decoupling at or near the DAC itself for each power domain. Typically, one decoupling capacitor
per power supply pin is suffice unless specified in the data sheet or EVM assembly.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
211
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com