Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 205 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 205 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 201Page - Texas Instruments DAC39RF10 Datasheet HTML 202Page - Texas Instruments DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments DAC39RF10 Datasheet HTML 207Page - Texas Instruments DAC39RF10 Datasheet HTML 208Page - Texas Instruments DAC39RF10 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 232 page
background image
1 GHz
Ref In
2X
2X
8V
DRO
8V
LO
IF
RF
-2V
THS4031
SIM-153LH+
EP2C+
To DAC
Clock
Distribution
R2
C1
C2
R1
2X
Figure 9-9. Discrete Analog PLL
The APLL outperforms the previous examples by avoiding use of digital dividers and phase detectors, which
significantly degrade phase noise. Instead passive diode-based frequency multipliers and mixers are used,
which contribute little additive phase noise. Like all synthesizers, a frequency reference with very good close in
phase noise, below the loop bandwidth of the APLL, is required for best performance.
In this case, a 1GHz reference was chosen as the reference is a convenient division of the sample rate and
is available either as an output of an R&S SMA100B RF signal generator or as a standalone unit from Wenzel
Associates.
As mentioned previously, the APLL does not use digital dividers or phase detectors, which significantly degrade
phase noise. Instead the reference is multiplied up to the output frequency using passive multiplier stages (see
Figure 9-10). A passive mixer is used as a phase detector that feeds a low noise operational amplifier loop filter.
The DRO output is split with one output going to the DAC clock distribution network and the other feeding back
into the RF port of the mixer.
2X
SYK-2R+
PSA-14+
2 GHz
1 GHz
Ref In
1.2 GHz
PSA-14+
EP2C+
2 GHz
Ref Out
2X
CY2-143+
PSA-14+
4 GHz
2.75 GHz
PSA-14+
EP2C+
4 GHz
Ref Out
2X
CY2-143+
PSA-14+
8 GHz
4.4 GHz
PMA2-183LN+
8 GHz
Ref Out
Figure 9-10. Reference Multiplier Chain
The multiplier chain uses low noise amplifiers, passive diode multipliers and bandpass filters. For this part of the
circuit, what is most critical is the close in phase noise below the loop bandwidth of the PLL. Not all amplifiers
demonstrate good close in noise, especially when driven near or into compression. Generally, heterojunction
bipolar transistor (HBT) amplifiers, have low flicker noise and operate well when driven into compression.
Bandpass filters were selected to remove the FIN and 3 x FIN/2 harmonics that are only partially suppressed
by the multipliers. In some implementations the driving amplifier can be filtered to prevent degradation of
the harmonic suppression performance. This chain was experimentally optimized, but additional attenuation
between stages can be added to manage reflections and amplifier operating conditions.
The loop filter bandwidth is set near where the open loop DRO phase noise crosses the multiplied reference
noise with a damping factor set to give a smooth role off that minimizes integrated phase noise. An optional
additional feedback cap can be used to speed up the role off if desired (C2 is set roughly to 1/10th to 1/100th of
C1). The loop filter component values were determined experimentally for this design.
In some implementations a start-up circuit is needed to help the loop acquire lock. In practice, the initial power
up was all that is needed for the loop to pull in and lock.
9.2.4.4 10GHz Clock Generation
For higher sample rates several options are available. First, a DRO can be selected that operates directly at the
desired frequency and the multiplier chain and or reference frequency can be modified accordingly.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
205
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com