Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 202 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 202 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 198Page - Texas Instruments DAC39RF10 Datasheet HTML 199Page - Texas Instruments DAC39RF10 Datasheet HTML 200Page - Texas Instruments DAC39RF10 Datasheet HTML 201Page - Texas Instruments DAC39RF10 Datasheet HTML 202Page - Texas Instruments DAC39RF10 Datasheet HTML 203Page - Texas Instruments DAC39RF10 Datasheet HTML 204Page - Texas Instruments DAC39RF10 Datasheet HTML 205Page - Texas Instruments DAC39RF10 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 232 page
background image
return signal from a small moving object. This places a requirement on close in phase noise for the close in
phase noise of the radar chirp.
Radars are also sensitive to spurious signals, and for this example, assume 90dBFS is required for the inband
SFDR.
9.2.3 Detailed Design Procedure
A summary of the design parameters are listed in Table 9-3. A input sample rate of 250MSPS complex covers
the 200MHz signal bandwidth, and interpolation by 32x is used to increase the TX sample rate to 8GSPS. The
device's numerically controlled oscillator (NCO) is used to place the signal at the TX output at 3.2GHz. An
addition 2x interpolation is applied in DES2XL mode, increasing the sample rate to 16GSPS.
The suppression of the image at 4.7 - 4.9GHz in DES2XL mode would be limited by the 2x DES interpolator to
40dB.
To optimize the low offset frequency phase noise, DEM and dither are disabled.
The JESD204C interface is configured in JMODE 5 with 4 streams (2 IQ pairs) and 1 Serdes lane per IQ pair.
With 64/66 bit encoding, the Serdes baud rate is 8.25Gbps.
Table 9-3. Design Parameters for an S-band Transmitter
Parameter
Value
Input Clock
8GHz
DAC Sample Rate
16GSPS
Output Mode
DES2XL
DEM and Dither Settings
Off
TX Interpolation Factor
32x
TX Input Rate
250MSPS Complex
NCO frequency
3.2GHz
JMODE
5
# Streams
4 (2x IQ pairs, 1/DAC)
# Serdes Lanes
2
Encoding
64/66
Serdes Baud Rate
8.25Gbps
9.2.4 Detailed Clocking Subsystem Design Procedure
One of the major advantages of the DAC39RF10-Sx and 'RFS10-Sx in applications like Doppler radar, Quantum
Computing and Wireless Test is the ability to directly synthesize very low phase noise signals all the way
through X-band (12GHz). To take full advantage of the exceptionally low additive phase noise of the DAC, a
high-performance clock is required.
Equally important in most systems is the impact of Size, Weight, Area, Power and Cost (SWAP-C). This means
each system architect must weight tradeoffs in performance vs. overall system SWAP-C based on system
requirements. This section presents three clocking examples based on SWAP-C vs. performance tradeoffs.
Figure 9-6 shows a plot of phase noise for an 8GHz sample clock produced by an integrated PLL+VCO,
integrated PLL with external high performance VCO and a fully discrete high performance analog PLL. All
examples assume a reference clock is provided as an input to the synthesizer, which can range from low
cost surface mount crystal oscillators all the way to expense reference subsystems. The DAC39RF10-Sx and
'RFS10-Sx additive phase noise at 8GHz is also provided for comparison , even for the analog PLL, the clock
phase noise degrades the DAC39RF10-Sx and 'RFS10-Sx output phase noise for offset frequencies below
5MHz.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
202
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com