Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 158 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 154Page - Texas Instruments AM261...ZCZ Datasheet HTML 155Page - Texas Instruments AM261...ZCZ Datasheet HTML 156Page - Texas Instruments AM261...ZCZ Datasheet HTML 157Page - Texas Instruments AM261...ZCZ Datasheet HTML 158Page - Texas Instruments AM261...ZCZ Datasheet HTML 159Page - Texas Instruments AM261...ZCZ Datasheet HTML 160Page - Texas Instruments AM261...ZCZ Datasheet HTML 161Page - Texas Instruments AM261...ZCZ Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 218 page
background image
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O21
tsu(D-LBCLK)
Setup time, OSPI_D[7:0] valid
before active OSPI_DQS edge
1.8V, SDR with
External Board
Loopback
6
ns
3.3V, SDR with
External Board
Loopback
7
ns
O22
th(LBCLK-D)
Hold time, OSPI_D[7:0] valid after
active OSPI_DQS edge
1.8V, SDR with
External Board
Loopback
2
ns
3.3V, SDR with
External Board
Loopback
2
ns
tO20t
O19
OSPI_CLK
OSPI_D[i:0]
Figure 6-51. OSPI Timing Requirements – PHY SDR with Internal PHY Loopback
tO22t
O21
OSPI_DQS
OSPI_D[i:0]
Figure 6-52. OSPI Timing Requirements – PHY SDR with External Board Loopback
6.11.5.13.2.2.1.3 OSPI0 Switching Characteristics - PHY SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, OSPI_CLK
12.5
ns
O8
tw(CLKL)
Pulse duration, OSPI_CLK low
0.475P(1) - 0.3
ns
O9
tw(CLKH)
Pulse duration, OSPI_CLK high
0.475P(1) - 0.3
ns
O10
td(CSn-CLK)
Delay time, OSPI_CSn[1:0] active edge
to OSPI_CLK rising edge
0.475P(1) + (0.975
× M(2) × R(4)) - 1
0.525P(1) + (1.025
× M(2) × R(4)) + 1
ns
O11
td(CLK-CSn)
Delay time, OSPI_CLK rising edge to
OSPI_CSn[1:0] inactive edge
0.475P(1) + (0.975
× N(3) × R(4)) - 1
0.525P(1) + (1.025
× N(3) × R(4)) + 1
ns
O12
td(CLK-D)
Delay time, OSPI_CLK active edge to
OSPI_D[7:0] transition
1.8V
–1.5
–3.8
ns
3.3V
–2
–5.15
ns
(1)
P = CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = REFCLK cycle time in ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
158
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com