Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 161 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 157Page - Texas Instruments AM261...ZCZ Datasheet HTML 158Page - Texas Instruments AM261...ZCZ Datasheet HTML 159Page - Texas Instruments AM261...ZCZ Datasheet HTML 160Page - Texas Instruments AM261...ZCZ Datasheet HTML 161Page - Texas Instruments AM261...ZCZ Datasheet HTML 162Page - Texas Instruments AM261...ZCZ Datasheet HTML 163Page - Texas Instruments AM261...ZCZ Datasheet HTML 164Page - Texas Instruments AM261...ZCZ Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 218 page
background image
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x2F
Receive
1.8V, Internal PHY Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x40
3.3V, Internal PHY Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x32
1.8V, External Board Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
3.3V, External Board Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
6.11.5.13.2.3.1.2 OSPI1 Timing Requirements - PHY SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O19
tsu(D-CLK)
Setup time, OSPI_D[7:0] valid
before active OSPI_CLK edge
1.8V, SDR with
Internal PHY
Loopback
6
ns
3.3V, SDR with
Internal PHY
Loopback
7
ns
O20
th(CLK-D)
Hold time, OSPI_D[7:0] valid after
active OSPI_CLK edge
1.8V, SDR with
Internal PHY
Loopback
0.25
ns
3.3V, SDR with
Internal PHY
Loopback
0
ns
O21
tsu(D-LBCLK)
Setup time, OSPI_D[7:0] valid
before active OSPI_DQS edge
1.8V, SDR with
External Board
Loopback
6
ns
3.3V, SDR with
External Board
Loopback
7
ns
O22
th(LBCLK-D)
Hold time, OSPI_D[7:0] valid after
active OSPI_DQS edge
1.8V, SDR with
External Board
Loopback
2
ns
3.3V, SDR with
External Board
Loopback
2
ns
tO20t
O19
OSPI_CLK
OSPI_D[i:0]
Figure 6-56. OSPI Timing Requirements – PHY SDR with Internal PHY Loopback
tO22t
O21
OSPI_DQS
OSPI_D[i:0]
Figure 6-57. OSPI Timing Requirements – PHY SDR with External Board Loopback
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
161
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com