Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 174 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 174 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 170Page - Texas Instruments AM261...ZCZ Datasheet HTML 171Page - Texas Instruments AM261...ZCZ Datasheet HTML 172Page - Texas Instruments AM261...ZCZ Datasheet HTML 173Page - Texas Instruments AM261...ZCZ Datasheet HTML 174Page - Texas Instruments AM261...ZCZ Datasheet HTML 175Page - Texas Instruments AM261...ZCZ Datasheet HTML 176Page - Texas Instruments AM261...ZCZ Datasheet HTML 177Page - Texas Instruments AM261...ZCZ Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 218 page
background image
6.11.5.14.4 PRU-ICSS Industrial Ethernet Peripheral (IEP)
6.11.5.14.4.1 PRU-ICSS IEP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
1
7
pF
6.11.5.14.4.2 PRU-ICSS IEP Timing Requirements - Input Validated with SYNCx
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRIEP1
tw(EDC_SYNCx_OUTL)
Pulse duration, EDC_SYNCx_OUT Low
–2 + 20P(1)
ns
PRIEP2
tw(EDC_SYNCx_OUTH)
Pulse duration, EDC_SYNCx_OUT High
–2 + 20P(1)
ns
PRIEP3
tsu(EDIO_DATA_IN-
EDC_SYNCx_OUT
Setup time, EDIO_DATA_IN valid before
EDC_SYNCx_OUT active edge
20
ns
PRIEP4
th(EDC_SYNCx_OUT-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after
EDC_SYNCx_OUT active edge
20
ns
(1)
P = PRU-ICSS IEP clock source period.
EDC_SYNC_OUTx
PRIEP4
PRIEP2
PRIEP3
EDIO_DATA_IN[7:0]
PRU_IEP_TIMING_01
PRIEP1
Figure 6-75. PRU-ICSS IEP SYNC Timing Requirements
6.11.5.14.4.3 PRU-ICSS IEP Timing Requirements - Digital IOs
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
IEPIO1
tw(EDIO_OUTVALIDL)
Pulse duration, EDIO_OUTVALID Low
–2 + 14P(1)
ns
IEPIO2
tw(EDIO_OUTVALIDH)
Pulse duration, EDIO_OUTVALID High
–2 + 32P(1)
ns
IEPIO3
td(EDIO_OUTVALID-
EDIO_DATA_OUT)
Delay time, EDIO_OUTVALID to EDIO_DATA
OUT
0
18P(1)
ns
IEPIO4
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
6
ns
(1)
P = PRU-ICSS IEP clock source period.
EDIO_DATA_OUT
PRU_EDIO_DATA_OUT_TIMING_00
IEPIO4
Figure 6-76. PRU-ICSS IEP Digital IOs Timing Requirements
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
174
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com