Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 178 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 174Page - Texas Instruments AM261...ZCZ Datasheet HTML 175Page - Texas Instruments AM261...ZCZ Datasheet HTML 176Page - Texas Instruments AM261...ZCZ Datasheet HTML 177Page - Texas Instruments AM261...ZCZ Datasheet HTML 178Page - Texas Instruments AM261...ZCZ Datasheet HTML 179Page - Texas Instruments AM261...ZCZ Datasheet HTML 180Page - Texas Instruments AM261...ZCZ Datasheet HTML 181Page - Texas Instruments AM261...ZCZ Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 218 page
background image
6.11.5.14.7 PRU-ICSS MDIO and MII
6.11.5.14.7.1 PRU-ICSS MDIO Timing
6.11.5.14.7.1.1 PRU-ICSS MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
10
470
pF
6.11.5.14.7.1.2 PRU-ICSS MDIO Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO1
tsu(MDIO-MDC)
Setup time, MDIO[x]_MDIO valid before
MDIO[x]_MDC high
90
ns
MDIO2
th(MDC-MDIO)
Hold time, MDIO[x]_MDIO valid from
MDIO[x]_MDC high
0
ns
6.11.5.14.7.1.3 PRU-ICSS MDIO Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO3
tc(MDC)
Cycle time, MDIO[x]_MDC
400
ns
MDIO4
tw(MDCH)
Pulse duration, MDIO[x]_MDC high
160
ns
MDIO5
tw(MDCL)
Pulse duration, MDIO[x]_MDC low
160
ns
MDIO7
td(MDC-MDIO)
Delay time, MDIO[x]_MDC low to
MDIO[x]_MDIO valid
–150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 6-81. PRU-ICSS MDIO Timing Requirements and Switching Characteristics
6.11.5.14.7.2 PRU-ICSS MII Timing
6.11.5.14.7.2.1 PRU-ICSS MII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
178
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com