Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 183 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 179Page - Texas Instruments AM261...ZCZ Datasheet HTML 180Page - Texas Instruments AM261...ZCZ Datasheet HTML 181Page - Texas Instruments AM261...ZCZ Datasheet HTML 182Page - Texas Instruments AM261...ZCZ Datasheet HTML 183Page - Texas Instruments AM261...ZCZ Datasheet HTML 184Page - Texas Instruments AM261...ZCZ Datasheet HTML 185Page - Texas Instruments AM261...ZCZ Datasheet HTML 186Page - Texas Instruments AM261...ZCZ Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 218 page
background image
6.11.5.17 Universal Serial Bus (USB)
The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the
specification for timing details.
For more details about features and additional description information on the device Universal Serial Bus
Subsystem (USB), see the Universal Serial Bus section in the device TRM
6.11.6 Emulation and Debug
For more details about features and additional description information on the device Trace and JTAG interfaces,
see the On-Chip Debug section in the device TRM.
6.11.6.1 JTAG
The acronym stands for the Joint Test Action Group, the committee of engineers who defined the boundary-
scan standard (IEEE std 1149.1). For more details about features and additional description information on the
device JTAG interface, see the corresponding subsections within the device TRM.
6.11.6.1.1 JTAG Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
2.00
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
5
15
pF
6.11.6.1.2 JTAG Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time, TCK
40
ns
J2
tw(TCKH)
Pulse width, TCK high
16
ns
J3
tw(TCKL)
Pulse width, TCK low
16
ns
J4
tsu(TDI-TCKH)
Input setup time, TDI valid to TCK high
2
ns
tsu(TMS-TCKH)
Input setup time, TMS valid to TCK high
2
J5
th(TCK-TDI)
Input hold time, TDI valid from TCK high
15.9
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
15.9
6.11.6.1.3 JTAG Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time, TCK low to TDO invalid
–0.067005
ns
J7
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
11.89594
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com