Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 185 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 185 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 181Page - Texas Instruments AM261...ZCZ Datasheet HTML 182Page - Texas Instruments AM261...ZCZ Datasheet HTML 183Page - Texas Instruments AM261...ZCZ Datasheet HTML 184Page - Texas Instruments AM261...ZCZ Datasheet HTML 185Page - Texas Instruments AM261...ZCZ Datasheet HTML 186Page - Texas Instruments AM261...ZCZ Datasheet HTML 187Page - Texas Instruments AM261...ZCZ Datasheet HTML 188Page - Texas Instruments AM261...ZCZ Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 218 page
background image
6.11.6.2 Trace
6.11.6.2.1 Debug Trace Timing Conditions
PARAMETER
MIN
MAX
UNIT
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
5
pF
OUTPUT CONDITIONS
td(Trace Mismatch)
Propagation delay mismatch across all traces.
200
ps
6.11.6.2.2 Debug Trace Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DBTR1
tc(TRC_CLK)
Cycle time, TRC_CLK
9.75
ns
DBTR2
tw(TRC_CLKH)
Pulse width, TRC_CLK high
4.13
ns
DBTR3
tw(TRC_CLKL)
Pulse width, TRC_CLK low
4.13
ns
DBTR4
tosu(TRC_DATAV-TRC_CLK)
Output setup time, TRC_DATA valid to
TRC_CLK edge
1.22
ns
DBTR5
toh(TRC_CLK-TRC-DATAI)
Output hold time, TRC_CLK edge to
TRC_DATA invalid
1.22
ns
DBTR6
tosu(TRC_CTLV-TRC_CLK)
Output setup time, TRC_CTL valid to TRC_CLK
edge
1.22
ns
DBTR7
toh(TRC_CLK-TRC_CTLI)
Output hold time, TRC_CLK edge to TRC_CTL
invalid
1.22
ns
TRC_DATA
TRC_CTL
TRC_CLK
(
)
(
)
(Ideal)
Worst Case 1
Worst Case 2
DBTR1
DBTR2
DBTR3
DBTR4
DBTR6
DBTR5
DBTR7
DBTR4
DBTR6
DBTR5
DBTR7
SPRSP08_Debug_01
Figure 6-88. Trace Switching Characteristics
6.12 Decoupling Capacitor Requirements
6.12.1 Decoupling Capacitor Requirements
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
CVDD
1.2V/1.25V VDD (Cap)
10
µF
CVDDS33
3.3V VDDS (Cap)
10
µF
CVDDA33
3.3V VDDA (Cap)
10
µF
CVDDS18
1.8V VDDS (Cap)
0.1
µF
CVDDA18
1.8V VDDA (Cap)
0.1
µF
CVDDA18
1.8V VDDA (Cap)
4.7
µF
CVPP
1.7V VPP (Cap)
0.1
µF
CVDDS18_LDO
1.8V LDO VDDS (Cap)
3.3
µF
CADC_VREF
ADC VREFHI (Cap)
4.7
µF
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com