Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 189 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 185Page - Texas Instruments AM261...ZCZ Datasheet HTML 186Page - Texas Instruments AM261...ZCZ Datasheet HTML 187Page - Texas Instruments AM261...ZCZ Datasheet HTML 188Page - Texas Instruments AM261...ZCZ Datasheet HTML 189Page - Texas Instruments AM261...ZCZ Datasheet HTML 190Page - Texas Instruments AM261...ZCZ Datasheet HTML 191Page - Texas Instruments AM261...ZCZ Datasheet HTML 192Page - Texas Instruments AM261...ZCZ Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 218 page
background image
8.2 OSPI Reset
For proper OSPI boot operation in AM261x system designs, it is recommended that the OSPI flash reset
signal is generated from the output of an AND gate with PORz/WARMRSTn and OSPI0_RESET_OUT0 as
inputs. This method allows the flash device to be reset when the AM261x device is power cycled or through a
software reset command. During OSPI boot, the AM261x device boot ROM code configures the GPIO61 pin as
OSPI0_RESET_OUT0 and drives the pin low to reset an external flash device. However, the OSPI controller
configuration for GPIO61 does not drive the pin high once the flash device has been reset, thus holding the flash
device in reset, preventing proper boot. This includes fallback modes of boot which will result in OSPI boot mode
getting activated. For more information, refer to the AM261x Errata Document.
For software reset of the external flash device, any GPIO with a dedicated OSPI0_RESET_OUT mux mode
can be used, including GPIO61. However, due to the ROM code configuration outlined above, the GPIO61
pin should be gated to prevent signal propagation to the reset logic on boot. AM261x OSPI Reset using
Buffered GPIO61 and PORz/WARMRESETn showcases one application of this. For more details on design
considerations, please see the AM26x Hardware Design Guide.
Note
Regardless of the GPIO pin used for OSPI0_RESET_OUT0 implementation, it is still recommended
that the OSPI flash reset signal is generated from the output of an AND gate with PORz/WARMRSTn
and OSPI0_RESET_OUT0 as inputs, such as in AM261x OSPI Reset using OSPI0_REST_OUT0 and
PORz/WARMRESETn.
AM261x
OSPI0_RESET_OUT0
PORz/WARMRSTn
GND
10kΩ
10kΩ
OSPI IO
Voltage
OSPI IO
Voltage
10kΩ
OSPI Flash
RESETn
Figure 8-1. AM261x OSPI Reset using OSPI0_REST_OUT0 and PORz/WARMRESETn
AM261x
GPIO61
(OSPI0_RESET_OUT0)
PORz/WARMRSTn
GND
10kΩ
OSPI IO
Voltage
10kΩ
OSPI Flash
RESETn
10kΩ
GND
GPIOx
OSPI IO
Voltage
10kΩ
A
B
OE
Figure 8-2. AM261x OSPI Reset using Buffered GPIO61 and PORz/WARMRESETn
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
189
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com