Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 192 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 188Page - Texas Instruments AM261...ZCZ Datasheet HTML 189Page - Texas Instruments AM261...ZCZ Datasheet HTML 190Page - Texas Instruments AM261...ZCZ Datasheet HTML 191Page - Texas Instruments AM261...ZCZ Datasheet HTML 192Page - Texas Instruments AM261...ZCZ Datasheet HTML 193Page - Texas Instruments AM261...ZCZ Datasheet HTML 194Page - Texas Instruments AM261...ZCZ Datasheet HTML 195Page - Texas Instruments AM261...ZCZ Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 218 page
background image
9.1.2 Device Naming Convention
Table 9-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
Field Parameter
Field Description
Value
Description
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBB
Base production part number
AM2612
2x R5F
AM2611
1x R5F
r
Device revision
A
Silicon Revision 1.0
Z
Device Operating
Performance Points
L
See Operating Performance Points.
O
P
f
Features(see Package
Comparison)
D
PRU-ICSS
+ CAN-FD Supported
E
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
F
PRU-ICSS
+ EtherCAT HW Accelerator
+ CAN-FD Supported
+ Pre-integrated Stacks Enabled
Y
Functional Safety
G
Non-Functional Safety
F
Functional Safety
s
Security
G
Non-security
1-9
Dummy key devices
H-Z
Production key HS devices
T
Temp (Junction)
I
-40°C to 125°C (Extended Industrial)
M
-40°C to 150°C (Extended Automotive)
PPP
Package Designator
ZCZ
ZCZ NFBGA-N324 (15mm × 15mm) Package
ZFG
ZFG NFBGA-N304 (13.25mm × 13.25mm) Package
ZEJ
ZEJ NFBGA-N256 (13mm × 13mm) Package
ZNC
ZNC NFBGA-N293 (10mm × 10mm) Package
Q1
Automotive Designator and
Max Junction Temperature
Q1
Auto Qualified (AEC-Q100)
BLANK
Standard
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
O
Pin one designator
G1
Green package designator
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
192
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com