Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 215 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 210Page - Texas Instruments AM261...ZCZ Datasheet HTML 211Page - Texas Instruments AM261...ZCZ Datasheet HTML 212Page - Texas Instruments AM261...ZCZ Datasheet HTML 213Page - Texas Instruments AM261...ZCZ Datasheet HTML 214Page - Texas Instruments AM261...ZCZ Datasheet HTML 215Page - Texas Instruments AM261...ZCZ Datasheet HTML 216Page - Texas Instruments AM261...ZCZ Datasheet HTML 217Page - Texas Instruments AM261...ZCZ Datasheet HTML 218Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 215 / 218 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4226659/A 03/2021
www.ti.com
NFBGA - 1.4 mm max height
PLASTIC BALL GRID ARRAY
ZCZ0324A
A
0.12 C
0.15
C A B
0.05
C
B
SYMM
SYMM
15.1
14.9
15.1
14.9
BALL A1 CORNER
1.4 MAX
0.45
0.35
C
SEATING PLANE
13.6 TYP
(0.7) TYP
13.6
TYP
0.8 TYP
0.8 TYP
A
B
C
D
E
F
G
H
J
K
L
M
1 2 3 4
5
6 7 8
9 10 11 12 13
BALL TYP
(0.7) TYP
14 15 16 17
N
P
R
T
U
324X Ø0.55
0.45
18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com