Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 103 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 99Page - Texas Instruments AM261...ZCZ Datasheet HTML 100Page - Texas Instruments AM261...ZCZ Datasheet HTML 101Page - Texas Instruments AM261...ZCZ Datasheet HTML 102Page - Texas Instruments AM261...ZCZ Datasheet HTML 103Page - Texas Instruments AM261...ZCZ Datasheet HTML 104Page - Texas Instruments AM261...ZCZ Datasheet HTML 105Page - Texas Instruments AM261...ZCZ Datasheet HTML 106Page - Texas Instruments AM261...ZCZ Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 218 page
background image
6.11.2 Power Supply Sequencing
This section describes power supply sequencing required to ensure proper device operation.
Note
Please note that depending on the speed grade of the device, the VDD core voltage supply is
different. This section uses the 1.2V/1.25V notation to reference this difference. For your specific
device, please reference Recommended Operating Connections and Operating Performance Points
for more information.
6.11.2.1 Power-On and Reset Sequencing
As with previous AM26x devices, AM261x has no sequencing requirement with respect to the primary core
digital VDD 1.2V/1.25V and I/O power 3.3V rails. There are two on-die LDO that are supplied through the
VDDS33 and VDDA33 power nets respectively. These on-die LDO generate the required VDDS1V8 and
VDDA1V8 1.8V digital and analog power. The AM261x does require the minimum ramp time be respected
for 3.3V power-on. Additional PORz and SOP boot mode latch timing must be respected by the EVM design as
well. Power-On Sequencing describes the device power-on sequencing.
Table 6-2. AM261x Power-On Sequencing
PARAMETER
MIN
MAX
UNIT
tRAMP_3V3
Minimal ramp time for the 3.3V digital VDDSHV_x power nets. Measured from GND to
VDDSHV_x 3,.V nominal
100
–
μs
tRAMP_1V8
Minimal ramp time for the 1.8V digital VDDSHV_x power nets. Measured from GND to
VDDSHV_x 1.8V nominal.
100
–
μs
tRAMP_1V2
Minimal ramp time for the 1.2V/1.25V core digital VDD and power nets. Measured from
GND to VDD 1.2V/1.25V nominal.
100
–
μs
tDELAY_3V3
Minimal delay between when the VDDSHV_x 3.3V power is at nominal voltage until the
VDDSHV_x 1.8V and VDD 1.2V/1.25V nets are enabled.
(1)
–
μs
tDELAY_PG
Minimal time between when VDDSHV_x 3.3V, VDDSHV_x 1.8V and VDD 1.2V/1.25V
rails are all detected valid at nominal voltage before PORz signal can be transitioned
from low to high voltage.
–
–
μs
tSOP_Sampled
Time from PORz de-assertion until the SOP[3:0] pins are sampled. This is a device
internal pentameter. Sampling happens when the internally generated supplies are
stable. For information only. Refer to TSU_SOP and TH_SOP parameters for application
usage.
0
–
μs
tSU_SOP
Setup time for SOP relative to PORz assertion.
20
–
μs
tH_SOP
Hold time for SOP relative to WARMRSTn deassertion.
0
–
μs
tWARMRSTn
Time from PORz de-assertion until the device de-asserts the WARMRESETn signal.
2.0
–
ms
(1)
When using 1.8V OSPI flash, there is a minimum tDELAY_3V3 value of 50μs.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com