Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 104 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 100Page - Texas Instruments AM261...ZCZ Datasheet HTML 101Page - Texas Instruments AM261...ZCZ Datasheet HTML 102Page - Texas Instruments AM261...ZCZ Datasheet HTML 103Page - Texas Instruments AM261...ZCZ Datasheet HTML 104Page - Texas Instruments AM261...ZCZ Datasheet HTML 105Page - Texas Instruments AM261...ZCZ Datasheet HTML 106Page - Texas Instruments AM261...ZCZ Datasheet HTML 107Page - Texas Instruments AM261...ZCZ Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
VDDSHV_x (3.3V)
POWER GOOD (1.2V/1.25V, 1.8V, 3.3V)
PORZ
SOP[3:0]
tSAMPLED_SOP
tSU_SOP
tH_SOP
WARMRSTZ
VDDSHV_x (1.8V)
tRAMP_3V3
VDD, VDDARx, VNWA(1.2V/1.25V)
tRAMP_1V8
tDELAY_3V3
tDELAY_PG
tRAMP_1V2
tWARMRSTZ
Figure 6-2. Power-On Sequencing
6.11.2.1.1 Power Reset Sequence Description
The following set of steps shall occur on the EVM and AM261x to boot the device from power-on reset.
1. PORz is held low by the external power supply monitor
2. VDDSHV_x 3.3V supply ramps to its nominal voltage
a. This requires a logical AND be applied to the power good signal generated from each supply
3. Delay at least 50μs after VDDSHV_x 3.3VB is at valid range
4. VDDSHV_x 1.8V and VDD 1.2V/1.25V supplies ramp to their nominal voltages (no constraint on order of
1.8V and 1.2V/1.25V ramp)
5. SOP[3:0] pins held in their boot latch state
6. Power-Good supervisor output triggers based on valid 3.3V, 1.8V, and 1.2V/1.25V all being at valid range
7. PORz low to high transition is triggered by Power-Good supervisor output
a. Warm Reset output will toggle low to high tWARMRSTZ seconds after PORz transition
8. After internal supply monitors show externally and internally generated supplies are stable, the SOP[3:0] pin
states are latched
9. R5F cores are unhalted and SOP selected boot ROM execution begins
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
104
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com