Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics TS4984FC Datasheet HTML 10Page - STMicroelectronics TS4984FC Datasheet HTML 11Page - STMicroelectronics TS4984FC Datasheet HTML 12Page - STMicroelectronics TS4984FC Datasheet HTML 13Page - STMicroelectronics TS4984FC Datasheet HTML 14Page - STMicroelectronics TS4984FC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TS4984FC
Electrical Characteristics
11/30
Figure 20. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 21. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 22. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 23. Power supply rejection ratio (PSRR)
at F = 217Hz vs. bypass capacitor
Figure 24. Output power vs. power supply
voltage
Figure 25. Output power vs. power supply
voltage
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
0.1
1
-80
-70
-60
-50
-40
-30
Av=10
Vcc:
2.6V
3.3V
5V
Av=5
Vcc:
2.6V
3.3V
5V
Av=2
Vcc:
2.6V
3.3V
5V
Tamb=25
°C
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com