Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics TS4984FC Datasheet HTML 27Page - STMicroelectronics TS4984FC Datasheet HTML 28Page - STMicroelectronics TS4984FC Datasheet HTML 29Page - STMicroelectronics TS4984FC Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TS4984FC
Application Information
27/30
Figure 71. Demoboard schematic
1
2
Cn1
1
2
Cn3
1
2
Cn4
1
2
Cn6
100nF
1
2
C1
1
2
C3
22K
2
1
R1
2
1 R3
22K
2
1
R4
2
1 R6
R8
22K
2
1
R5
22K
2
1
R2
R7
100nF
1
2
C4
1
2
C6
1
2
C2
1
2
C5
100nF
C8
1uF
C7
1uF
C9
VCC
1
2
Cn9
Vcc
1
2
Cn2
OUTL
1
2
Cn5
OUTR
neg.
pos.
neg.
pos.
GND
GND
GND
6
5
8
4
3
Bias
STDBY
13
14
11
12
7
Bypass
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN-R
IN+R
15
+
-
+
-
+
-
AV = -1
+
-
AV = -1
Bypass
U1
TS4984_FC_ADAPTER
1
2
3
Cn7
StandBy
VCC
Jumper J1
neg.
pos.
Input L
GND
GND
neg.
pos.
Input R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com