Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics TS4984FC Datasheet HTML 27Page - STMicroelectronics TS4984FC Datasheet HTML 28Page - STMicroelectronics TS4984FC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TS4984FC
Application Information
25/30
Note:
This formula is true only if:
is 5 times lower than FL.
The following bill of materials is provided as an example of a differential amplifier with a gain of
2 and a -3dB lower cut-off frequency of about 80Hz.
4.10
Demoboard
A demoboard for the TS4984 in flip-chip package is available.
For more information about this demoboard, please refer to Application Note AN2153, which
can be found on www.st.com.
Figure 68 shows the component locations, and Figure 69 and Figure 70 show top layer and
bottom layers of the demoboard, respectively.
Figure 71 shows a schematic of the demoboard
Table 8.
Example of a bill of materials
Designator
Part Type
R1L = R1R
20k
Ω / 1%
R2L = R2R
20k
Ω / 1%
CinR =CinL
100nF
Cb =Cs
1µF
U1
TS4984
Figure 68. Component locations
F
CB
1
2
π R
1
R
2
+
()C
b
----------------------------------------
(Hz)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com