Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 17Page - STMicroelectronics TS4984FC Datasheet HTML 18Page - STMicroelectronics TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TS4984FC
Application Information
21/30
and the maximum value is obtained when:
and its value is:
Note:
This maximum value is only depending on power supply voltage and load values.
The efficiency,
η, is the ratio between the output power and the power supply:
The maximum theoretical value is reached when
VPEAK = VCC, so that:
The TS4984 has two independent power amplifiers, and each amplifier produces heat due to its
power dissipation. Therefore, the maximum die temperature is the sum of the each amplifier’s
maximum power dissipation. It is calculated as follows:
Pdiss1 = Power dissipation due to the 1st channel power amplifier.
Pdiss2 = Power dissipation due to the 2nd channel power amplifier.
Total Pdiss =Pdiss1 +Pdiss2 (W)
In most cases, Pdiss1 = Pdiss2, giving:
or, stated differently:
4.5
Decoupling the circuit
Two capacitors are needed to correctly bypass the TS4984. A power supply bypass capacitor
CS and a bias voltage bypass capacitor Cb.
CS has particular influence on the THD+N in the high frequency region (above 7kHz) and an
indirect influence on power supply disturbances. With a value for CS of 1µF, you can expect
similar THD+N performances to those shown in the datasheet. For example:
In the high frequency region, if CS is lower than 1µF, it increases THD+N and disturbances
on the power supply rail are less filtered.
On the other hand, if CS is higher than 1µF, those disturbances on the power supply rail
are more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final result
of PSRR (with input grounded and in the lower frequency region), in the following manner:
If Cb is lower than 1µF, THD+N increases at lower frequencies and PSRR worsens.
∂P
diss
∂P
ou t
------------------ = 0
P
dissmax
2V
cc
2
π2R
L
-------------
=
W
()
η =
P
ou t
P
su pp ly
------------------- =
πV
PEAK
4V
CC
-----------------------
π
4
----- = 78.5%
Total P
diss
P
d iss1
P
diss2
(W)
=
=
Total P
diss
42V
CC
π R
L
---------------------- P
out
2P
out
=
W
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com