Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics TS4984FC Datasheet HTML 27Page - STMicroelectronics TS4984FC Datasheet HTML 28Page - STMicroelectronics TS4984FC Datasheet HTML 29Page - STMicroelectronics TS4984FC Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package Mechanical Data
TS4984FC
28/30
5
Package Mechanical Data
Figure 72. Pinout (top view)
Figure 73. Marking (top view)
AB
C
D
E
1
2
3
4
5
6
VCC
IN2+
VCC
BYPASS
IN2-
VOUT1+
STDBY
VOUT2+
VOUT2-
VOUT1-
IN1+
GND
GND
BYPASS
IN1-
AB
C
D
E
1
2
3
4
5
6
VCC
IN2+
VCC
BYPASS
IN2-
VOUT1+
STDBY
VOUT2+
VOUT2-
VOUT1-
IN1+
GND
GND
BYPASS
IN1-
Note: Balls are underneath
XXX
YWW
E
XXX
YWW
E
Marking shows:
■ ST Logo
■
Product & assembly code: XXX
- A84 from Tours
- 848 from Singapore
- 84K from Shenzhen
■ 3-digit datecode: YWW
■ “E” lead-free symbol
■ The dot marks position of pin A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com