Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 9Page - STMicroelectronics TS4984FC Datasheet HTML 10Page - STMicroelectronics TS4984FC Datasheet HTML 11Page - STMicroelectronics TS4984FC Datasheet HTML 12Page - STMicroelectronics TS4984FC Datasheet HTML 13Page - STMicroelectronics TS4984FC Datasheet HTML 14Page - STMicroelectronics TS4984FC Datasheet HTML 15Page - STMicroelectronics TS4984FC Datasheet HTML 16Page - STMicroelectronics TS4984FC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TS4984FC
Electrical Characteristics
13/30
Figure 32. Power dissipation vs. output power
per channel
Figure 33. Power dissipation vs. output power
per channel
Figure 34. Clipping voltage vs. power supply
voltage and load resistor
Figure 35. Clipping voltage vs. power supply
voltage and load resistor
Figure 36. Current consumption vs. power
supply voltage
Figure 37. Current consumption vs. standby
voltage at VCC = 5V
No Loads
Tamb=25°C
Vcc = 5V
No Loads
Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com