Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 10Page - STMicroelectronics TS4984FC Datasheet HTML 11Page - STMicroelectronics TS4984FC Datasheet HTML 12Page - STMicroelectronics TS4984FC Datasheet HTML 13Page - STMicroelectronics TS4984FC Datasheet HTML 14Page - STMicroelectronics TS4984FC Datasheet HTML 15Page - STMicroelectronics TS4984FC Datasheet HTML 16Page - STMicroelectronics TS4984FC Datasheet HTML 17Page - STMicroelectronics TS4984FC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Electrical Characteristics
TS4984FC
14/30
Figure 38. Current consumption vs. standby
voltage at VCC = 3.3V
Figure 39. Current consumption vs. standby
voltage at VCC = 2.6V
Figure 40. Power derating curves
Figure 41. THD + N vs. output power
Figure 42. THD + N vs. output power
Figure 43. THD + N vs. output power
Vcc = 3.3V
No Loads
Tamb=25°C
Vcc = 2.6V
No Loads
Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com