Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 2 Page - STMicroelectronics

  TS4984FC Datasheet HTML 1Page - STMicroelectronics TS4984FC Datasheet HTML 2Page - STMicroelectronics TS4984FC Datasheet HTML 3Page - STMicroelectronics TS4984FC Datasheet HTML 4Page - STMicroelectronics TS4984FC Datasheet HTML 5Page - STMicroelectronics TS4984FC Datasheet HTML 6Page - STMicroelectronics TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Typical Application Schematic
TS4984FC
2/30
1
Typical Application Schematic
Figure 1 show a typical application schematic for the TS4984FC.
Table 1.
External component descriptions
Figure 1.
Application information
Components
Functional Description
Rin L,R
Inverting input resistors which sets the closed loop gain in conjunction with Rfeed.
These resistors also form a high pass filter with Cin =1/2 x Pi x Rin xCin))
Cin L,R
Input coupling capacitors which blocks the DC voltage at the amplifier input terminal
Rfeed L,R
Feedback resistors which sets the closed loop gain in conjunction with Rin
Cs
Supply Bypass capacitor which provides power supply filtering
Cb
Bypass pin capacitor which provides half supply filtering
AV L, R
Closed loop gain in BTL configuration = 2 x (Rfeed / Rin) on each channel
100nF
Cin1
VCC
Cs
Cb
100nF
Cin2
INPUT2
StandBy
Control
A1
B2
C3
A3
B4
Bias
C5
AV = -1
BYPASS
STDBY
VOUT1-
VOUT1+
+
-
+
-
AV = -1
VOUT2-
VOUT2+
+
-
+
-
D6
E5
E3
D4
C1
BYPASS
IN1-
IN1+
IN2+
IN2-
U1
22k
Rfeed1
Cfeed1
INPUT1
OUTPUT1
OUTPUT2
W ire optional
Internal connection
Cfeed2
+
+
22k
Rin1
22k
Rin2
22k
Rfeed2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com