Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 12Page - STMicroelectronics TS4984FC Datasheet HTML 13Page - STMicroelectronics TS4984FC Datasheet HTML 14Page - STMicroelectronics TS4984FC Datasheet HTML 15Page - STMicroelectronics TS4984FC Datasheet HTML 16Page - STMicroelectronics TS4984FC Datasheet HTML 17Page - STMicroelectronics TS4984FC Datasheet HTML 18Page - STMicroelectronics TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Electrical Characteristics
TS4984FC
16/30
Figure 50. THD + N vs. frequency
Figure 51. THD + N vs. frequency
Figure 52. THD + N vs. frequency
Figure 53. Crosstalk vs. frequency
Figure 54. Crosstalk vs. frequency
Figure 55. Crosstalk vs. frequency
100
1000
10000
−140
−120
−100
−80
−60
−40
−20
0
OUT2 to OUT1
OUT1 to OUT2
Vcc = 2.6V
Pout = 200mW
RL = 8
Ω
Av = 2
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
100
1000
10000
−140
−120
−100
−80
−60
−40
−20
0
OUT2 to OUT1
OUT1 to OUT2
Vcc = 3.3V
Pout = 400mW
RL = 8
Ω
Av = 2
BW < 125kHz
Tamb = 25°C
Frequency (Hz)
100
1000
10000
−140
−120
−100
−80
−60
−40
−20
0
OUT2 to OUT1
OUT1 to OUT2
Vcc = 5V
Pout = 1W
RL = 8
Ω
Av = 2
BW < 125kHz
Tamb = 25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com