Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics TS4984FC Datasheet HTML 27Page - STMicroelectronics TS4984FC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Application Information
TS4984FC
24/30
4.9
Application example: differential-input BTL power stereo
amplifier
The schematic in
Figure 67 shows how to design the TS4984 to work in differential-input mode.
For this discussion, only the left-channel amplifier will be referred to.
Let:
R1R =R2L =R1, R2R =R2L =R2
CinR = CinL =Cin
The gain of the amplifier is:
In order to reach the optimal performance of the differential function,
R1 and R2 should be
matched at 1% maximum.
The value of the input capacitor Cin can be calculated with the following formula, using the -3dB
lower frequency required (where FL is the lower frequency required):
Figure 67. Differential input amplifier configuration
G
Vdif= 2
R2
R1
--------
R1L
CinL
R2L
VCC
Cs
Cb
Neg. Input LEFT
8 Ohms
LEFT Speaker
8 Ohms
RIGHT Speaker
R1R
CinR
R2R
Neg. Input RIGHT
StandBy
Control
R1L
CinL
Pos. Input LEFT
R1R
CinR
Pos. Input RIGHT
R2L
R2R
Bias
StandBy
BypassL
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
+
-
+
-
+
-
AV = -1
+
-
AV = -1
BypassR
TS4984
C
in
1
2
πR
1FL
---------------------
(F)
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com