Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics TS4984FC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TS4984FC
Application Information
23/30
4.8
Pop performance
Pop performance is intimately linked with the size of the input capacitor Cin and the bias voltage
bypass capacitor Cb.
The size of Cin is dependent on the lower cut-off frequency and PSRR values requested. The
size of Cb is dependent on THD+N and PSRR values requested at lower frequencies.
Moreover, Cb determines the speed with which the amplifier turns ON. In order to reach near
zero pop and click, the equivalent input constant time,
τin =(Rin +2kΩ)xCin (s) with Rin ≥ 5kΩ
must not reach the
τin maximum value as indicated in the graph below in Figure 66.
By following the previous rules, the TS4984 can reach near zero pop and click even with high
gains such as 20dB.
Example calculation:
With Rin =22kΩ and a 20Hz, -3dB lower cut-off frequency, Cin = 361nF.
So, Cin =390nF with standard value which gives a lower cut-off frequency equal to 18.5Hz.
In this case, (Rin +2kΩ)x Cin =9.36ms.
When referring to the previous graph, if Cb =1µF and VCC = 5V, we read 20 ms max.
This value is twice as high as our current value, thus we can state that pop and click will be
reduced to its lowest value. Minimizing both Cin and the gain benefits both the pop phenomena,
and the cost and size of the application.
Figure 66.
τin max. versus bypass capacitor
12
34
0
40
80
120
160
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Tamb=25
°C
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com