Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 5 Page - STMicroelectronics

  TS4984FC Datasheet HTML 1Page - STMicroelectronics TS4984FC Datasheet HTML 2Page - STMicroelectronics TS4984FC Datasheet HTML 3Page - STMicroelectronics TS4984FC Datasheet HTML 4Page - STMicroelectronics TS4984FC Datasheet HTML 5Page - STMicroelectronics TS4984FC Datasheet HTML 6Page - STMicroelectronics TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TS4984FC
Electrical Characteristics
5/30
Table 5.
VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
6.6
12
mA
ISTBY
Standby Current (1)
No input signal, VSTBY =GND, RL =8Ω
10
1000
nA
VOO
Output Offset Voltage
No input signal, RL =8Ω
110
mV
Pout
Output Power
THD = 1% Max, F = 1kHz, RL =8Ω
375
500
mW
THD + N
Total Harmonic Distortion
+ Noise
Pout =400mWrms, AV = 2
20Hz
≤ F ≤ 20kHz, RL = 8Ω
0.1
%
PSRR
Power Supply Rejection
Ratio(2)
RL = 8Ω, AV = 2, Vripple = 200mVpp,
Input Grounded, F
= 217Hz
55
61
dB
RL = 8Ω, AV = 2, Vripple = 200mVpp,
Input Grounded, F
= 1kHz
55
63
Crosstalk Channel Separation,
RL = 8Ω, F = 1kHz
107
dB
RL = 8Ω, F = 20Hz to 20kHz
82
twu
Wake-Up Time
Cb = 1µF
110
140
ms
tstby
Standby Time
Cb = 1µF
10
µs
VSTBYH
Standby Voltage Level
High
1.2
V
VSTBYL
Standby Voltage Level
Low
0.4
V
ΦM
Phase Margin at Unity
Gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain Margin
RL =8Ω, CL = 500pF
15
dB
GBP
Gain Bandwidth Product
RL = 8Ω
1.5
MHz
1.
Standby mode is activated when VSTBY is tied to Gnd.
2.
All PSRR data limits are guaranteed by production sampling tests.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com