Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 18Page - STMicroelectronics TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics TS4984FC Datasheet HTML 25Page - STMicroelectronics TS4984FC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application Information
TS4984FC
22/30
●
If Cb is higher than 1µF, the benefit on THD+N at lower frequencies is small, but the benefit
to PSRR is substantial.
Note:
The TS4984FC has two BYPASS pins. Cb can be connected equally to pin C5 or to pin C1.
These pins are internally connected. Connecting pin C5 and pin C1 together by an external
wire is optional.
Cin has a non-negligible effect on PSRR at lower frequencies. The lower the value of Cin, the
higher the PSRR.
4.6
Wake-up time, twu
When the standby is released to put the device ON, the bypass capacitor Cb will not be charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work properly
until the Cb voltage is correct. The time required to reach this voltage is called the wake-up time
or twu and specified in the tables in Chapter 3: Electrical Characteristics with Cb = 1µF.
If Cb has a value other than 1µF, please refer to the graph in Figure 64 to establish the wake-up
time value.
Due to process tolerances, the maximum value of wake-up time could be establish by the graph
in
Figure 65.
Note:
Bypass capacitor Cb as also a tolerance of typically +/-20%. To calculate the wake-up time with
this tolerance, refer to the previous graph (considering for example for Cb = 1µF in the range of
0.8µF
≤ 1µF ≤ 1.2µF).
4.7
Shutdown time
When the standby command is set, the time required to put the two output stages in high
impedance and the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, Bypass pin and Vin- pin are short-circuited to ground by internal switches.
This allows for the quick discharge of the Cb and Cin capacitors.
Figure 64. Typical wake-up time vs. Cb
Figure 65. Maximum wake-up time vs. Cb
12
34
0
100
200
300
400
500
600
4.7
0.1
Tamb=25
°C
Vcc=2.6V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb ( F)
12
34
0
100
200
300
400
500
600
Tamb=25
°C
4.7
0.1
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Bypass Capacitor Cb ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com