Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4984FC Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 14Page - STMicroelectronics TS4984FC Datasheet HTML 15Page - STMicroelectronics TS4984FC Datasheet HTML 16Page - STMicroelectronics TS4984FC Datasheet HTML 17Page - STMicroelectronics TS4984FC Datasheet HTML 18Page - STMicroelectronics TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Application Information
TS4984FC
18/30
4
Application Information
The TS4984 integrates two monolithic power amplifiers with a BTL (Bridge Tied Load) output
type (explained in more detail in
Section 4.1). For this discussion, only the left-channel amplifier
will be referred to.
Referring to the schematic in
Figure 62, we assign the following variables and values:
Vin = Vin1-
Vout1 =VOUT1+
Vout2 =VOUT1-
Rin = Rin1
Rfeed =Rfeed1
Cfeed =Cfeed1
4.1
BTL configuration principle
BTL (Bridge Tied Load) means that each end of the load is connected to two single-ended
output amplifiers. Thus, we have:
Single-ended output 1 = Vout1 =Vout (V),
Single-ended output 2 = Vout2 =-Vout (V), Vout1 -Vout2 =2Vout (V)
Figure 62. Typical application schematic - left channel
Rin = Rin1
Cin = Cin1
IN1
GND
Rfeed = Rfeed1
VCC
Cs
1u
RL
Cfeed = Cfeed1
Cb
1u
1
2
AV = -1
+
-
+
-
Bias
TS4984
Vin- = VIN1-
Vin+ = VIN1+
STDBY
BYPASS
Vout1 = VOUT1+
Vout2 = VOUT1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com