Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 13Page - STMicroelectronics M58BW016DB Datasheet HTML 14Page - STMicroelectronics M58BW016DB Datasheet HTML 15Page - STMicroelectronics M58BW016DB Datasheet HTML 16Page - STMicroelectronics M58BW016DB Datasheet HTML 17Page - STMicroelectronics M58BW016DB Datasheet HTML 18Page - STMicroelectronics M58BW016DB Datasheet HTML 19Page - STMicroelectronics M58BW016DB Datasheet HTML 20Page - STMicroelectronics M58BW016DB Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
17/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Table 5. Asynchronous Read Electronic Signature Operation
Note: 1. x= B or D version of the device.
2. BCR= Burst Configuration Register.
Synchronous Bus Operations
For synchronous bus operations refer to Table 6
together with the following text.
Synchronous Burst Read. Synchronous Burst
Read operations are used to read from the memo-
ry at specific times synchronized to an external ref-
erence clock. The burst type, length and latency
can be configured. The different configurations for
Synchronous Burst Read operations are de-
scribed in the Burst Configuration Register sec-
tion. Refer to Figures 5 and 6 for examples of
synchronous burst operations.
In continuous burst read, one burst read operation
can access the entire memory sequentially by
keeping the Burst Address Advance B at VIL for
the appropriate number of clock cycles. At the end
of the memory address space the burst read re-
starts from the beginning at address 000000h.
A valid Synchronous Burst Read operation begins
when the Burst Clock is active and Chip Enable
and Latch Enable are Low, VIL. The burst start ad-
dress is latched and loaded into the internal Burst
Address Counter on the valid Burst Clock K edge
(rising or falling depending on the value of M6) or
on the rising edge of Latch Enable, whichever oc-
curs first.
After an initial memory latency time, the memory
outputs data each clock cycle (or two clock cycles
depending on the value of M9). The Burst Address
Advance B input controls the memory burst output.
The second burst output is on the next clock valid
edge after the Burst Address Advance B has been
pulled Low.
Valid Data Ready, R, monitors if the memory burst
boundary is exceeded and the Burst Controller of
the microprocessor needs to insert wait states.
When Valid Data Ready is Low on the active clock
edge, no new data is available and the memory
does not increment the internal address counter at
the active clock edge even if Burst Address Ad-
vance, B, is Low.
Valid Data Ready may be configured (by bit M8 of
Burst Configuration Register) to be valid immedi-
ately at the valid clock edge or one data cycle be-
fore the valid clock edge.
Synchronous Burst Read will be suspended if
Burst Address Advance, B, goes High, VIH.
If Output Enable is at VIL and Output Disable is at
VIH, the last data is still valid.
If Output Enable, G, is at VIH or Output Disable,
GD, is at VIL, but the Burst Address Advance, B, is
at VIL the internal Burst Address Counter is incre-
mented at each Burst Clock K valid edge.
The Synchronous Burst Read timing diagrams
and AC Characteristics are described in the AC
and DC Parameters section. See Figures 14, 15,
16 and 17, and Table 20.
Synchronous Burst Read Suspend. During
a
Synchronous Burst Read operation it is possible to
suspend the operation, freeing the data bus for
other higher priority devices.
A valid Synchronous Burst Read operation is sus-
pended when both Output Enable and Burst Ad-
dress Advance are High, VIH. The Burst Address
Advance going High, VIH, stops the burst counter
and the Output Enable going High, VIH, inhibits the
data outputs. The Synchronous Burst Read oper-
ation can be resumed by setting Output Enable
Low.
Code
Device
E
G
GD
W
A18-A0
DQ31-DQ0
Manufacturer
All
VIL
VIL
VIH
VIH
00000h
00000020h
Device
M58BW016xT(1)
VIL
VIL
VIH
VIH
00001h
00008836h
M58BW016xB(1)
VIL
VIL
VIH
VIH
00001h
00008835h
Burst Configuration
Register
VIL
VIL
VIH
VIH
00005h
BCR (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com