Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 38 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
38/63
Table 19. Asynchronous Write and Latch Controlled Write AC Characteristics
Symbol
Parameter
Test Condition
M58BW016
Unit
80
90
100
tAVLL
Address Valid to Latch Enable Low
Min
0
0
0
ns
tAVWH
Address Valid to Write Enable High
E = VIL
Min
50
50
50
ns
tDVWH
Data Input Valid to Write Enable High
E = VIL
Min
50
50
50
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
0
ns
tELWL
Chip Enable Low to Write Enable Low
Min
0
0
0
ns
tLHAX
Latch Enable High to Address Transition
Min
5
5
5
ns
tLLLH
Latch Enable Low to Latch Enable High
Min
10
10
10
ns
tLLWH
latch Enable Low to Write Enable High
E = VIL
Min
50
50
50
ns
tQVVPL
Output Valid to VPP Low
Min
0
0
0
ns
tVPHWH
VPP High to Write Enable High
Min
0
0
0
ns
tWHAX
Write Enable High to Address Transition
E = VIL
Min
0
0
0
ns
tWHDX
Write Enable High to Input Transition
E = VIL
Min
0
0
0
ns
tWHEH
Write Enable High to Chip Enable High
Min
0
0
0
ns
tWHGL
Write Enable High to Output Enable Low
Min
150
150
150
ns
tWHQV
Write Enable High to Output Valid
Min
175
175
175
ns
tWHWL
Write Enable High to Write Enable Low
Min
20
20
20
ns
tWLWH
Write Enable Low to Write Enable High
E = VIL
Min
60
60
60
ns
tQVPL
Output Valid to Reset/Power-down Low
Min
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com