Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
29/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
fore a new Program or Erase command is issued,
otherwise the new command will appear to fail.
Program Suspend Status (Bit 2)
The Program Suspend Status bit indicates that a
Program operation has been suspended and is
waiting to be resumed. The Program Suspend
Status should only be considered valid when the
Program/Erase Controller Status bit is set to ‘1’
(Program/Erase Controller inactive); after a Pro-
gram/Erase Suspend command is issued the
memory may still complete the operation rather
than entering the Suspend mode.
When the Program Suspend Status bit is set to ‘0’,
the Program/Erase Controller is active or has com-
pleted its operation; when the bit is set to ‘1’, a Pro-
gram/Erase Suspend command has been issued
and the memory is waiting for a Program/Erase
Resume command.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns to
‘0’.
Block Protection Status (Bit 1)
The Block Protection Status bit can be used to
identify if a Program or Erase operation has tried
to modify the contents of a protected block.
When the Block Protection Status bit is set to ‘0’,
no Program or Erase operations have been at-
tempted to protected blocks since the last Clear
Status Register command or hardware reset;
when the Block Protection Status bit is set to ‘1’, a
Program or Erase operation has been attempted
on a protected block.
Once set to ‘1’, the Block Protection Status bit can
only be reset Low by a Clear Status Register com-
mand or a hardware reset. If set to ‘1’ it should be
reset before a new Program or Erase command is
issued, otherwise the new command will appear to
fail.
Tuning Protection Status (Bit 0)
The Tuning Protection Status bit indicates if the
device is locked (Tuning Protection is enabled) or
unlocked (Tuning Protection is disabled).
When the Tuning Protection Status bit is set to ‘0’
the device is locked, when it is set to ‘1’ the device
is unlocked. After a reset or power-up the device is
locked and so bit0 is set to ‘0’.
The Tuning Protection Status bit is set to ‘1’ for the
M58BW016D version.
Table 11. Status Register Bits
Note: 1. For the M58BW016D version the Tuning Protection Status bit is always set to ‘1’.
Bit
Name
Logic Level
Definition
7
Program/Erase Controller Status
’1’
Ready
’0’
Busy
6
Erase Suspend Status
’1’
Suspended
’0’
In Progress or Completed
5
Erase Status
’1’
Erase Error
’0’
Erase Success
4
Program Status,
Tuning Protection Unlock Status
’1’
Program Error
’0’
Program Success
3
VPP Status
’1’
VPP Invalid, Abort
’0’
VPP OK
2
Program Suspend Status
’1’
Suspended
’0’
In Progress or Completed
1
Erase/Program in a Protected
Block
’1’
Program/Erase on Protected Block,
Abort
’0’
No Operations to Protected Sectors
0
Tuning Protection Status
’1’
Tuning Protection Disabled(1)
’0’
Tuning Protection Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com