Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics M58BW016DB Datasheet HTML 47Page - STMicroelectronics M58BW016DB Datasheet HTML 48Page - STMicroelectronics M58BW016DB Datasheet HTML 49Page - STMicroelectronics M58BW016DB Datasheet HTML 50Page - STMicroelectronics M58BW016DB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
47/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Table 27. CFI - Device Voltage and Timing Specification
Note: 1. Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volts and bit3 to bit0 in mV.
2. Bit7 to bit4 are coded in Hexadecimal and scaled in Volts while bit3 to bit0 are in Binary Code Decimal and scaled in 100mV.
3. Not supported.
Table 28. Device Geometry Definition
Address A0-A18
Data
Description
1Bh
27h (1)
VDD min, 2.7V
1Ch
36h (1)
VDD max, 3.6V
1Dh
B4h (2)
VPP min
1Eh
C6h (2)
VPP max
1Fh
00h (3)
2n ms typical time-out for Word, DWord prog – Not Available
20h
00h (3)
2n ms, typical time-out for max buffer write – Not Available
21h
0Ah
2n ms, typical time-out for Erase Block
22h
00h (3)
2n ms, typical time-out for chip erase – Not Available
23h
00h (3)
2n x typical for Word Dword time-out max – Not Available
24h
00h
2n x typical for buffer write time-out max – Not Available
25h
04h
2n x typical for individual block erase time-out maximum
26h
00h (3)
2n x typical for chip erase max time-out – Not Available
Address A0-A18
Data
Description
27h
15h
2n number of bytes memory size
28h
03h
Device Interface Sync./Async.
29h
00h
Organization Sync./Async.
2Ah
00h
Page size in bytes, 2n
2Bh
00h
2Ch
02h
Bit7-0 = number of Erase Block Regions in device
2Dh
1Eh
Number (n-1) of blocks of identical size; n=31
2Eh
00h
2Fh
00h
Erase Block region information x 256 bytes per
Erase Block (64Kbytes)
30h
01h
31h
07h
Number (n-1) of blocks of identical size; n=8
32h
00h
33h
20h
Erase Block region information x 256 bytes per
Erase Block (8Kbytes)
34h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com