Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
33/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Figure 9. Asynchronous Bus Read AC Waveforms
Table 16. Asynchronous Bus Read AC Characteristics.
Note: 1. Output Enable G may be delayed up to tELQV - tGLQV after the falling edge of Chip Enable E without increasing tELQV.
Symbol
Parameter
Test Condition
M58BW016
Unit
80
90
100
tAVAV
Address Valid to Address Valid
E = VIL, G = VIL
Min
80
90
100
ns
tAVQV
Address Valid to Output Valid
E = VIL, G = VIL
Max
80
90
100
ns
tAXQX
Address Transition to Output Transition
E = VIL, G = VIL
Min
0
0
0
ns
tEHLX
Chip Enable High to Latch Enable Transition
Min
0
0
0
ns
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
20
20
20
ns
tELQV
(1)
Chip Enable Low to Output Valid
G = VIL
Max
80
90
100
ns
tELQX
Chip Enable Low to Output Transition
G = VIL
Min
0
0
0
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
0
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
15
15
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
25
25
ns
tGLQX
Output Enable to Output Transition
E = VIL
Min
0
0
0
ns
tLLEL
Latch Enable Low to Chip Enable Low
Min
0
0
0
ns
AI0440 C
E
G
L
A0-A18
DQ0-DQ31
VALID
tLLEL
tAXQX
tELQX
tELQV
tAVQV
tGLQX
tGLQV
tEHQX
tEHQZ
tGHQX
tGHQZ
See also Page Read
OUTPUT
tEHLX
tAVAV
GD
AI04407C
E
G
L
A0-A18
DQ0-DQ31
VALID
tLLEL
tAXQX
tELQX
tELQV
tAVQV
tGLQX
tGLQV
tEHQX
tEHQZ
tGHQX
tGHQZ
See also Page Read
OUTPUT
tEHLX
tAVAV
GD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com