Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics M58BW016DB Datasheet HTML 47Page - STMicroelectronics M58BW016DB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
44/63
Figure 20. PQFP80 - 80 lead Plastic Quad Flat Pack, Package Outline
Note: Drawing is not to scale.
Table 23. PQFP80 - 80 lead Plastic Quad Flat Pack, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.400
0.1339
A1
0.250
0.0098
A2
2.800
2.550
3.050
0.1102
0.1004
0.1201
b
0.300
0.450
0.0118
0.0177
c
0.130
0.230
0.0051
0.0091
D
23.200
22.950
23.450
0.9134
0.9035
0.9232
D1
20.000
19.900
20.100
0.7874
0.7835
0.7913
D2
18.400
–
–
0.7244
–
–
e
0.800
–
–
0.0315
–
–
E
17.200
16.950
17.450
0.6772
0.6673
0.6870
E1
14.000
13.900
14.100
0.5512
0.5472
0.5551
E2
12.000
–
–
0.4724
–
–
L
0.800
0.650
0.950
0.0315
0.0256
0.0374
L1
1.600
–
–
0.0630
–
–
α
0°
7°
0°
7°
N80
80
Nd
24
24
Ne
16
16
QFP-B
D1
CP
b
e
A2
A
N
L
A1
α
E1
E2
1
D
c
E
D2
L1
Nd
Ne



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com