Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 49Page - STMicroelectronics M58BW016DB Datasheet HTML 50Page - STMicroelectronics M58BW016DB Datasheet HTML 51Page - STMicroelectronics M58BW016DB Datasheet HTML 52Page - STMicroelectronics M58BW016DB Datasheet HTML 53Page - STMicroelectronics M58BW016DB Datasheet HTML 54Page - STMicroelectronics M58BW016DB Datasheet HTML 55Page - STMicroelectronics M58BW016DB Datasheet HTML 56Page - STMicroelectronics M58BW016DB Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
53/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Figure 25. Unlock Device and Change Tuning Protection Code Flowchart
AI04501
Reset
Device locked
by tuning code
1st: Write Cycle
2nd: Write Cycle
(old code,
factory setup = 0xFFFFh)
YES
3rd: Write Cycle
4th: Write Cycle
(old code,
factory setup = 0xFFFFh)
YES
YES
NO
DEVICE LOCKED
Add: don't care
Data: 0x48h
6th: Write Cycle
Add: 0x00000h
Data: First 32 bit
7th: Write Cycle
(new code)
YES
b7 = 1
Add: don't care
Data: 0x48h
8th: Write Cycle
Add: 0x00001h
Data: Second 32 bit
9th: Write Cycle
(new code)
YES
b7 = 1
DEVICE UNLOCKED
Reset
Device locked
by new code
TUNING PROTECTION
UNLOCK SEQUENCE
Add: don't care
Data: 0xFFh
5th: Write Cycle
Issue Read command
Issue
Read
command
Add: don't care
Data: 0x78h
Add: 0x00000h
Data: First 32 bit
b7 = 1
Add: don't care
Data: 0x78h
Add: 0x00001h
Data: Second 32 bit
b7 = 1
Read Status
Register
b0 = 1
Add: don't care
Data: 0xFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com