Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 40 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
40/63
Table 20. Synchronous Burst Read AC Characteristics
Note: 1. Data output should be read on the valid clock edge.
2. For other timings see Table 16, Asynchronous Bus Read Characteristics.
Figure 15. Synchronous Burst Read (Data Valid from ’n’ Clock Rising Edge)
Note: For set up signals and timings see Synchronous Burst Read.
Symbol
Parameter
Test Condition
M58BW016
Unit
80
90
100
tAVLL
Address Valid to Latch Enable Low
E = VIL
Min
0
0
0
ns
tBHKH
Burst Address Advance High to Valid Clock
Edge
E = VIL, G = VIL,
L = VIH
Min
8
8
8
ns
tBLKH
Burst Address Advance Low to Valid Clock
Edge
E = VIL, G = VIL,
L = VIH
Min
8
8
8
ns
tELLL
Chip Enable Low to Latch Enable low
Min
0
0
0
ns
tGLQV
Output Enable Low to Output Valid
E = VIL, L = VIH
Min
25
25
25
ns
tKHAX
Valid Clock Edge to Address Transition
E = VIL
Min
5
5
5
ns
tKHLL
Valid Clock Edge to Latch Enable Low
E = VIL
Min
0
0
0
ns
tKHLX
Valid Clock Edge to Latch Enable Transition
E = VIL
Min
0
0
0
ns
tKHQX
Valid Clock Edge to Output Transition
E = VIL, G = VIL,
L = VIH
Min
3
3
3
ns
tLLKH
Latch Enable Low to Valid Clock Edge
E = VIL
Min
6
6
6
ns
tQVKH
(1)
Output Valid to Valid Clock Edge
E = VIL, G = VIL,
L = VIH
Min
6
6
6
ns
tRLKH
Valid Data Ready Low to Valid Clock Edge
E = VIL, G = VIL,
L = VIH
Min
6
6
6
ns
tKHQV
Valid Clock Edge to Output Valid
E = VIL, G = VIL,
L = VIH
Max
11
11
11
ns
AI04408b
K
n+5
n+4
n+3
n+2
n+1
n
DQ0-DQ31
tQVKH
tKHQX
Q0
Q1
Q2
Q3
Q4
Q5
SETUP
Burst Read
Q0 to Q3
tKHQV
Note: n depends on Burst X-Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com