Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 38Page - STMicroelectronics M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
42/63
Figure 18. Reset, Power-Down and Power-up AC Waveform
Table 21. Reset, Power-Down and Power-up AC Characteristics
Note: 1. This time is tPHEL + tAVQV or tPHEL + tELQV.
Symbol
Parameter
Min
Max
Unit
tPHEL
Reset/Power-down High to Chip Enable Low
50
ns
tPHQV
(1)
Reset/Power-down High to Output Valid
130
ns
tPHWL
Reset/Power-down High to Write Enable Low
50
ns
tPHGL
Reset/Power-down High to Output Enable Low
50
ns
tPLPH
Reset/Power-down Low to Reset/Power-down High
100
ns
tPLRH
Reset/Power-down Low to Valid Data Ready High
2
30
µs
tVDHPH
Supply Voltages High to Reset/Power-down High
10
µs
AI03849b
W,
RP
tPHWL
tPHEL
tPHGL
E, G
VDD, VDDQ
tVDHPH
tPHWL
tPHEL
tPHGL
tPLPH
tPLRH
Power-Up
Reset
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com