Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
27/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
Table 10. Program, Erase Times and Program Erase Endurance Cycles
Note: TA = –40 to 125°C, VDD = 2.7V to 3.6V, VDDQ = 2.4V to VDD
Parameters
M58BW016B/D
Unit
Min
Typ
Max
VPP = VDD
VPP = 12V
VPP = VDD
VPP = 12V
Parameter Block (64Kb) Program
0.030
0.016
0.060
0.032
s
Main Block (512Kb) Program
0.23
0.13
0.46
0.26
s
Parameter Block Erase
0.8
0.64
1.8
1.5
s
Main Block Erase
1.5
0.9
3
1.8
s
Program Suspend Latency Time
3
10
µs
Erase Suspend Latency Time
10
30
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com