Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
32/63
Table 15. DC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤VIN ≤VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤VOUT ≤VDDQ
±5
µA
IDD
Supply Current (Random Read)
E = VIL, G = VIH, fadd = 6MHz
20
mA
IDDB
Supply Current (Burst Read)
E = VIL, G = VIH, fclock =
56MHz
30
mA
IDD1
Supply Current (Standby)
E = RP = VDD ± 0.2V
60
µA
Supply Current (Auto Low-Power)
E = VSS ± 0.2V,
RP = VDD ± 0.2V
60
µA
IDD2
Supply Current (Reset/Power-down)
RP = VSS ± 0.2V
60
µA
IDD3
Supply Current (Program or Erase,
Set Lock Bit, Erase Lock Bit)
Program, Block Erase in
progress
30
mA
IDD4
Supply Current
(Erase/Program Suspend)
E = VIH
40
µA
IPP
Program Current (Read or Standby)
VPP ≥ VPP1
± 30
µA
IPP1
Program Current (Read or Standby)
VPP ≤VPP1
± 30
µA
IPP2
Program Current (Power-down)
RP = VIL
± 5
µA
IPP3
Program Current (Program)
Program in Progress
VPP = VPP1
200
µA
VPP = VPPH
20
mA
IPP4
Program Current (Erase)
Erase in Progress
VPP = VPP1
200
µA
VPP = VPPH
20
mA
VIL
Input Low Voltage
–0.5
0.2VDDQIN
V
VIH
Input High Voltage (for DQ lines)
0.8VDDQIN
VDDQ +0.3
V
VIH
Input High Voltage (for Input only
lines)
0.8VDDQIN
3.6
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage CMOS
IOH = –100µA
VDDQ –0.1
V
VPP1
Program Voltage
(Program or Erase operations)
2.7
3.6
V
VPPH
Program Voltage
(Program or Erase operations)
11.4
12.6
V
VLKO
VDD Supply Voltage (Erase and
Program lockout)
2.2
V
VPPLK
VPP Supply Voltage (Erase and
Program lockout)
11.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com