Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 43 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 39Page - STMicroelectronics M58BW016DB Datasheet HTML 40Page - STMicroelectronics M58BW016DB Datasheet HTML 41Page - STMicroelectronics M58BW016DB Datasheet HTML 42Page - STMicroelectronics M58BW016DB Datasheet HTML 43Page - STMicroelectronics M58BW016DB Datasheet HTML 44Page - STMicroelectronics M58BW016DB Datasheet HTML 45Page - STMicroelectronics M58BW016DB Datasheet HTML 46Page - STMicroelectronics M58BW016DB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
43/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
PACKAGE MECHANICAL
Figure 19. LBGA80 10x12mm - 8x10 ball array, 1mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 22. LBGA80 10x12mm - 8x10 ball array, 1mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.700
0.0669
A1
0.400
0.350
0.450
0.0157
0.0138
0.0177
A2
1.100
0.0433
b
0.500
–
–
0.0197
–
–
D
10.000
–
–
0.3937
–
–
D1
7.000
–
–
0.2756
–
–
ddd
0.150
0.0059
E
12.000
–
–
0.4724
–
–
E1
9.000
–
–
0.3543
–
–
e
1.000
–
–
0.0394
–
–
FD
1.500
–
–
0.0591
–
–
FE
1.500
–
–
0.0591
–
–
SD
0.500
–
–
0.0197
–
–
SE
0.500
–
–
0.0197
–
–
E1
E
D1
D
eb
A2
A1
A
BGA-Z05
ddd
FD
FE
SD
SE
e
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com