Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 30Page - STMicroelectronics M58BW016DB Datasheet HTML 31Page - STMicroelectronics M58BW016DB Datasheet HTML 32Page - STMicroelectronics M58BW016DB Datasheet HTML 33Page - STMicroelectronics M58BW016DB Datasheet HTML 34Page - STMicroelectronics M58BW016DB Datasheet HTML 35Page - STMicroelectronics M58BW016DB Datasheet HTML 36Page - STMicroelectronics M58BW016DB Datasheet HTML 37Page - STMicroelectronics M58BW016DB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
34/63
Figure 10. Asynchronous Latch Controlled Bus Read AC Waveforms
Table 17. Asynchronous Latch Controlled Bus Read AC Characteristics
Symbol
Parameter
Test Condition
M58BW016
Unit
80
90
100
tAVLL
Address Valid to Latch Enable Low
E = VIL
Min
0
0
0
ns
tEHLX
Chip Enable High to Latch Enable Transition
Min
0
0
0
ns
tEHQX
Chip Enable High to Output Transition
G = VIL
Min
0
0
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
G = VIL
Max
20
20
20
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
0
ns
tGHQX
Output Enable High to Output Transition
E = VIL
Min
0
0
0
ns
tGHQZ
Output Enable High to Output Hi-Z
E = VIL
Max
15
15
15
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
25
25
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
0
0
ns
tLHAX
Latch Enable High to Address Transition
E = VIL
Min
5
5
5
ns
tLHLL
Latch Enable High to Latch Enable Low
Min
10
10
10
ns
tLLLH
Latch Enable Low to Latch Enable High
E = VIL
Min
10
10
10
ns
tLLQV
Latch Enable Low to Output Valid
E = VIL, G = VIL
Max
80
90
100
ns
tLLQX
Latch Enable Low to Output Transition
E = VIL, G = VIL
Min
0
0
0
ns
AI03645
L
E
G
A0-A18
DQ0-DQ31
VALID
tEHLX
tLHLL
tLHAX
tAVLL
tELLL
tLLLH
tEHQX
tEHQZ
tGHQX
GHQZ
tLLQX
tLLQV
tGLQX
tGLQV
See also Page Read
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com