Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 22Page - STMicroelectronics M58BW016DB Datasheet HTML 23Page - STMicroelectronics M58BW016DB Datasheet HTML 24Page - STMicroelectronics M58BW016DB Datasheet HTML 25Page - STMicroelectronics M58BW016DB Datasheet HTML 26Page - STMicroelectronics M58BW016DB Datasheet HTML 27Page - STMicroelectronics M58BW016DB Datasheet HTML 28Page - STMicroelectronics M58BW016DB Datasheet HTML 29Page - STMicroelectronics M58BW016DB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
26/63
Register bit 4 is set to '1' if there has been a pro-
gram failure.
Programming aborts if VPP drops out of the al-
lowed range or RP goes to VIL.
A Read Memory Array command must be issued
to return the memory to read mode before issuing
any other commands. Once the code has been
changed a device reset or power-down will make
the protection active with the new code.
See Appendix B, Figure 25, 26 and 27 for suggest-
ed flowcharts for using the Tuning Protection Pro-
gram command.
Table 9. Commands
Note: 1. X Don’t Care; RA Read Address, RD Read Data, ID Device Code, SRD Status Register Data, PA Program Address; PD Program
Data, QA Query Address, QD Query Data, BA Any address in the Block, BCR Burst Configuration Register value, TPA = Tuning
Protection Address, TPC = Tuning Protection Code.
2. Cycles 1 and 2 input the first 32 bits of the code, cycles 3 and 4 the second 32 bits of the code.
Command
Bus Operations
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
Op.
Addr.
Data
Op.
Addr.
Data
Op.
Addr. Data Op.
Addr.
Data
Read Memory Array
≥ 2 Write
X
FFh
Read
RA
RD
Read Electronic Signature
(Manufacturer Code)
≥ 2 Write
X
90h
Read 00000h
20h
Read Electronic Signature
(Device Code)
≥ 2 Write
X
90h
Read 00001h
IDh
Read Electronic Signature
(Burst Configuration
Register)
≥ 2 Write
X
90h
Read 00005h BCRh
Read Status Register
2
Write
X
70h
Read
X
SRDh
Read Query
≥ 2 Write
X
98h
Read
QAh
QDh
Clear Status Register
1
Write
X
50h
Block Erase
2
Write
X
20h
Write
BAh
D0h
Program
2
Write
X
40h
10h
Write
PA
PD
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Set Burst Configuration
Register
2
Write
X
60h
Write
BCRh
03h
Tuning Protection(2)
Program
4
Write
X
48h
Write
TPAh
TPCh Write
X
48h Write TPAh TPCh
Tuning Protection Unlock(2)
4
Write
X
78h
Write
TPAh
TPCh Write
X
78h Write TPAh TPCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com