Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 9Page - STMicroelectronics M58LW032A Datasheet HTML 10Page - STMicroelectronics M58LW032A Datasheet HTML 11Page - STMicroelectronics M58LW032A Datasheet HTML 12Page - STMicroelectronics M58LW032A Datasheet HTML 13Page - STMicroelectronics M58LW032A Datasheet HTML 14Page - STMicroelectronics M58LW032A Datasheet HTML 15Page - STMicroelectronics M58LW032A Datasheet HTML 16Page - STMicroelectronics M58LW032A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13/61
M58LW032A
BUS OPERATIONS
There are 12 bus operations that control the mem-
ory. Each of these is described in this section, see
Tables 2 and 3, Bus Operations, for a summary.
The bus operation is selected through the Burst
Configuration Register; the bits in this register are
described at the end of this section.
On Power-up or after a Hardware Reset the mem-
ory defaults to Asynchronous Latch Enable Con-
trolled Read and Asynchronous Bus Write, no
other bus operation can be performed until the
Burst Control Register has been configured.
The Electronic Signature, CFI or Status Register
will be read in asynchronous mode or single syn-
chronous burst mode.
Typically glitches of less than 5ns on Chip Enable
or Write Enable are ignored by the memory and do
not affect bus operations.
Asynchronous Bus Operations
For asynchronous bus operations refer to Table 3
together with the text below.
Asynchronous Bus Read. Asynchronous
Bus
Read operations read from the memory cells, or
specific registers (Electronic Signature, Status
Register, CFI and Block Protection Status) in the
Command Interface. A valid bus operation in-
volves setting the desired address on the Address
Inputs, applying a Low signal, VIL, to Chip Enable,
Output Enable and Latch Enable and keeping
Write Enable High, VIH. The Data Inputs/Outputs
will output the value, see Figure 11, Asynchronous
Bus Read AC Waveforms, and Table 15, Asyn-
chronous Bus Read AC Characteristics, for details
of when the output becomes valid.
Asynchronous Latch Controlled Bus Read.
Asynchronous Latch Controlled Bus Read opera-
tions read from the memory cells or specific regis-
ters in the Command Interface. The address is
latched in the memory before the value is output
on the data bus, allowing the address to change
during the cycle without affecting the address that
the memory uses.
A valid bus operation involves setting the desired
address on the Address Inputs, setting Chip En-
able and Latch Enable Low, VIL and keeping Write
Enable High, VIH; the address is latched on the ris-
ing edge of Address Latch. Once latched, the Ad-
dress Inputs can change. Set Output Enable Low,
VIL, to read the data on the Data Inputs/Outputs;
see Figure 12, Asynchronous Latch Controlled
Bus Read AC Waveforms and Table 16, Asyn-
chronous Latch Controlled Bus Read AC Charac-
teristics for details on when the output becomes
valid.
Note that, since the Latch Enable input is transpar-
ent when set Low, VIL, Asynchronous Bus Read
operations can be performed when the memory is
configured for Asynchronous Latch Enable bus
operations by holding Latch Enable Low, VIL
throughout the bus operation.
Asynchronous Page Read. Asynchronous Page
Read operations are used to read from several ad-
dresses within the same memory page. Each
memory page is 4 Words and has the same A3-
A21, only A1 and A2 may change.
Valid bus operations are the same as Asynchro-
nous Bus Read operations but with different tim-
ings. The first read operation within the page has
identical timings, subsequent reads within the
same page have much shorter access times. If the
page changes then the normal, longer timings ap-
ply again. See Figure 13, Asynchronous Page
Read AC Waveforms and Table 17, Asynchro-
nous Page Read AC Characteristics for details on
when the outputs become valid.
Asynchronous Bus Write. Asynchronous
Bus
Write operations write to the Command Interface
in order to send commands to the memory or to
latch addresses and input data to program. Bus
Write operations are asynchronous, the clock, K,
is don’t care during Bus Write operations.
A valid Asynchronous Bus Write operation begins
by setting the desired address on the Address In-
puts and setting Latch Enable Low, VIL. The Ad-
dress Inputs are latched by the Command
Interface on the rising edge of Chip Enable or
Write Enable, whichever occurs first. The Data In-
puts/Outputs are latched by the Command Inter-
face on the rising edge of Chip Enable or Write
Enable, whichever occurs first. Output Enable
must remain High, VIH, during the whole Asyn-
chronous Bus Write operation. See Figures 14,
and 16, Asynchronous Write AC Waveforms, and
Tables 18 and 19, Asynchronous Write and Latch
Controlled Write AC Characteristics, for details of
the timing requirements.
Asynchronous Latch Controlled Bus Write.
Asynchronous Latch Controlled Bus Write opera-
tions write to the Command Interface in order to
send commands to the memory or to latch ad-
dresses and input data to program. Bus Write op-
erations are asynchronous, the clock, K, is don’t
care during Bus Write operations.
A valid Asynchronous Latch Controlled Bus Write
operation begins by setting the desired address on
the Address Inputs and pulsing Latch Enable Low,
VIL. The Address Inputs are latched by the Com-
mand Interface on the rising edge of Latch Enable,
Chip Enable or Write Enable, whichever occurs
first. The Data Inputs/Outputs are latched by the
Command Interface on the rising edge of Chip En-
able or Write Enable, whichever occurs first. Out-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com