Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 23Page - STMicroelectronics M58LW032A Datasheet HTML 24Page - STMicroelectronics M58LW032A Datasheet HTML 25Page - STMicroelectronics M58LW032A Datasheet HTML 26Page - STMicroelectronics M58LW032A Datasheet HTML 27Page - STMicroelectronics M58LW032A Datasheet HTML 28Page - STMicroelectronics M58LW032A Datasheet HTML 29Page - STMicroelectronics M58LW032A Datasheet HTML 30Page - STMicroelectronics M58LW032A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
27/61
M58LW032A
failed. Depending on the cause of the failure other
Status Register bits may also be set to High, VOH.
s
If only the Program Status bit (bit 4) is set High,
VOH, then the Program/Erase Controller has
applied the maximum number of pulses to the
byte and still failed to verify that the Write Buffer
has programmed correctly or that the Block is
protected.
s
If the failure is due to a program or block protect
with VPP low, VOL, then VPP Status bit (bit 3) is
also set High, VOH.
s
If the failure is due to a program on a protected
block then Block Protection Status bit (bit 1) is
also set High, VOH.
s
If the failure is due to a program or erase
incorrect command sequence then Erase
Status bit (bit 5) is also set High, VOH.
Once set High, the Program Status bit can only be
reset Low by a Clear Status Register command or
a hardware reset. If set High it should be reset be-
fore a new Program or Erase command is issued,
otherwise the new command will appear to fail.
VPP Status (Bit 3). The VPP Status bit can be
used to identify if a Word Program, Erase, Block
Protection or Blocks Unprotection operation has
been attempted when VPP is Low, VIL. The VPP
Status bit cannot be used during a Write to Buffer
and Program operation.
When the VPP Status bit is Low, VOL, no Word Pro-
gram, Erase, Block Protection or Blocks Unprotec-
tion operations have been attempted with VPP
Low, VIL, since the last Clear Status Register com-
mand, or hardware reset. When the VPP Status bit
is High, VOH, a Word Program, Erase, Block Pro-
tection or Blocks Unprotection operation has been
attempted with VPP Low, VIL.
Once set High, the VPP Status bit can only be reset
by a Clear Status Register command or a hard-
ware reset. If set High it should be reset before a
new Program, Erase, Block Protection or Blocks
Unprotection command is issued, otherwise the
new command will appear to fail.
Program Suspend Status (Bit 2). The Program
Suspend Status bit indicates that a Program oper-
ation has been suspended and is waiting to be re-
sumed. The Program Suspend Status should only
be considered valid when the Program/Erase
Controller Status bit is High (Program/Erase Con-
troller inactive); after a Program/Erase Suspend
command is issued the memory may still complete
the operation rather than entering the Suspend
mode.
When the Program Suspend Status bit is Low,
VOL, the Program/Erase Controller is active or has
completed its operation; when the bit is High, VOH,
a Program/Erase Suspend command has been is-
sued and the memory is waiting for a Program/
Erase Resume command.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns Low.
Block Protection Status (Bit 1). The Block Pro-
tection Status bit can be used to identify if a Pro-
gram or Erase operation has tried to modify the
contents of a protected block.
When the Block Protection Status bit is Low, VOL,
no Program or Erase operations have been at-
tempted to protected blocks since the last Clear
Status Register command or hardware reset;
when the Block Protection Status bit is High, VOH,
a Program (Program Status bit 4 set High) or
Erase (Erase Status bit 5 set High) operation has
been attempted on a protected block.
Once set High, the Block Protection Status bit can
only be reset Low by a Clear Status Register com-
mand or a hardware reset. If set High it should be
reset before a new Program or Erase command is
issued, otherwise the new command will appear to
fail.
Reserved (Bit 0). Bit 0 of the Status Register is
reserved. Its value should be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com