Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 19Page - STMicroelectronics M58LW032A Datasheet HTML 20Page - STMicroelectronics M58LW032A Datasheet HTML 21Page - STMicroelectronics M58LW032A Datasheet HTML 22Page - STMicroelectronics M58LW032A Datasheet HTML 23Page - STMicroelectronics M58LW032A Datasheet HTML 24Page - STMicroelectronics M58LW032A Datasheet HTML 25Page - STMicroelectronics M58LW032A Datasheet HTML 26Page - STMicroelectronics M58LW032A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
23/61
M58LW032A
Table 6. Commands
Note: 1. X Don’t Care; RA Read Address, RD Read Data, IDA Identifier Address, IDD Identifier Data, SRD Status Register Data, PA Program
Address; PD Program Data, QA Query Address, QD Query Data, BA Any address in the Block, BCR Burst Configuration Register
value.
2. Base Address, refer to Figure 8 and Table 8 for more information.
3. For Identifier addresses and data refer to table 7, Read Electronic Signature.
4. For Query Address and Data refer to Appendix B, CFI.
Table 7. Read Electronic Signature
Note: 1. SBA is the Start Base Address of each block, BCR is Burst Configuration Register data, PRD is Protection Register Data.
2. Base Address, refer to Figure 8 and Table 8 for more information.
Command
Bus Operations
1st Cycle
2nd Cycle
Subsequent
Final
Op.
Addr. Data
Op.
Addr.
Data
Op.
Addr. Data Op.
Addr. Data
Read Memory Array
≥ 2 Write
X
FFh
Read
RA
RD
Read Electronic Signature
≥ 2 Write
X
90h
Read
IDA(3)
IDD(3)
Read Status Register
2
Write
X
70h
Read
X
SRD
Read Query
≥ 2 Write
X
98h
Read
QA(4)
QD(4)
Clear Status Register
1
Write
X
50h
Block Erase
2
Write
X
20h
Write
BA
D0
Word Program
2
Write
X
40h
10h
Write
PA
PD
Write to Buffer and
Program
4 + N Write
BA
E8h
Write
BA
N
Write
PA
PD Write
X
D0h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Set Burst Configuration
Register
2
Write
X
60h
Write
BCR
03h
Block Protect
2
Write
X
60h
Write
BA
01h
Blocks Unprotect
2
Write
X
60h
Write
X
D0h
Protection Register
Program
2
Write
X
C0h
Write
PRA
PRD
Code
Address (A21-A1)
Data (DQ15-DQ0)
Manufacturer Code
000000h
0020h
Device Code
000001h
8816h
Block Protection Status
SBA+02h
0000h (Block Unprotected)
0001h (Block Protected)
Burst Configuration Register
000005h
BCR
Protection Register
000080h(2)
PRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com