Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 57 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 53Page - STMicroelectronics M58LW032A Datasheet HTML 54Page - STMicroelectronics M58LW032A Datasheet HTML 55Page - STMicroelectronics M58LW032A Datasheet HTML 56Page - STMicroelectronics M58LW032A Datasheet HTML 57Page - STMicroelectronics M58LW032A Datasheet HTML 58Page - STMicroelectronics M58LW032A Datasheet HTML 59Page - STMicroelectronics M58LW032A Datasheet HTML 60Page - STMicroelectronics M58LW032A Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
57/61
M58LW032A
Figure 30. Command Interface and Program Erase Controller Flowchart (a)
AI03618
READ
SIGNATURE
YES
NO
90h
READ
STATUS
YES
70h
NO
CLEAR
STATUS
YES
50h
NO
PROGRAM
BUFFER
LOAD
YES
E8h
NO
ERASE
SET-UP
YES
20h(1)
NO
ERASE
COMMAND
ERROR
YES
FFh
WAIT FOR
COMMAND
WRITE
READ
ARRAY
YES
D0h
NO
A
B
NO
C
CFI
QUERY
YES
98h
NO
D0h
YES
NO
PROGRAM
COMMAND
ERROR
Note 1. The Erase command (20h) can only be issued if the flash is not already in Erase Suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com