Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 30 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 26Page - STMicroelectronics M58LW032A Datasheet HTML 27Page - STMicroelectronics M58LW032A Datasheet HTML 28Page - STMicroelectronics M58LW032A Datasheet HTML 29Page - STMicroelectronics M58LW032A Datasheet HTML 30Page - STMicroelectronics M58LW032A Datasheet HTML 31Page - STMicroelectronics M58LW032A Datasheet HTML 32Page - STMicroelectronics M58LW032A Datasheet HTML 33Page - STMicroelectronics M58LW032A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
M58LW032A
30/61
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC characteristics Tables that follow, are de-
rived from tests performed under the Measure-
ment
Conditions
summarized
in
Table
12,
Operating and AC Measurement Conditions. De-
signers should check that the operating conditions
in their circuit match the measurement conditions
when relying on the quoted parameters.
Table 12. Operating and AC Measurement Conditions
Figure 9. AC Measurement Input Output
Waveform
Figure 10. AC Measurement Load Circuit
Table 13. Capacitance
Note: 1. TA = 25°C, f = 1 MHz
2. Sampled only, not 100% tested.
Parameter
M58LW032A
Units
90
110
Min
Max
Min
Max
Supply Voltage (VDD)
2.7
3.6
2.7
3.6
V
Input/Output Supply Voltage (VDDQ)
1.8
VDD
1.8
VDD
V
Ambient Temperature (TA)
Grade 1
0
70
0
70
°C
Grade 6
–40
85
–40
85
°C
Load Capacitance (CL)
30
30
pF
Clock Rise and Fall Times
3
3
ns
Input Rise and Fall Times
4
4
ns
Input Pulses Voltages
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref. Voltages
0.5 VDDQ
0.5 VDDQ
V
AI00610
VDDQ
0V
0.5 VDDQ
AI03459
1.3V
DQS
CL
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
0.1µF
VDD
VDDQ
0.1µF
Symbol
Parameter
Test Condition
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0V
68
pF
COUT
Output Capacitance
VOUT = 0V
812
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com