Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 13Page - STMicroelectronics M58LW032A Datasheet HTML 14Page - STMicroelectronics M58LW032A Datasheet HTML 15Page - STMicroelectronics M58LW032A Datasheet HTML 16Page - STMicroelectronics M58LW032A Datasheet HTML 17Page - STMicroelectronics M58LW032A Datasheet HTML 18Page - STMicroelectronics M58LW032A Datasheet HTML 19Page - STMicroelectronics M58LW032A Datasheet HTML 20Page - STMicroelectronics M58LW032A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
17/61
M58LW032A
Table 4. Burst Configuration Register
Note: 1. 4 - 2 - 2 - 2 (represents X-Y-Y-Y) is not allowed.
2. X latencies can be calculated as: (tAVQV – tLLKH + tQVKH) + tSYSTEM MARGIN < (X -1) tK. (X is an integer number from 4 to 8 and tK
is the clock period).
3. Y latencies can be calculated as: tKHQV + tSYSTEM MARGIN + tQVKH < Y tK.
4. tSYSTEM MARGIN is the time margin required for the calculation.
Address
Bit
Mnemonic
Bit Name
Reset
Value
Value
Description
16
M15
Read Select
1
0
Synchronous Burst Read
1
Asynchronous Bus Read (default at power-up)
15
M14
Reserved
14
to
12
M13-M11
X-Latency(2)
XXX
001
Reserved
010
X-Latency = 4, 4-1-1-1 (use only with Y-Latency = 1)(1)
011
X-Latency = 5, 5-1-1-1, 5-2-2-2
100
X-Latency = 6, 6-1-1-1, 6-2-2-2
101
X-Latency = 7, 7-1-1-1, 7-2-2-2
110
X-Latency = 8, 8-1-1-1, 8-2-2-2
11
M10
Internal
Clock Divider
X
0
X and Y-Latencies remains as set in M13-M11 and M9
1
Divides internal clock, X and Y-Latencies multiplied by 2
10
M9
Y-Latency(3)
X
0
Y-Latency = 1
1
Y-Latency = 2
9M8
Valid Data
Ready
X
0
R valid Low during valid Clock edge
1
R valid Low one cycle before valid Clock edge
8
M7
Burst Type
X
0
Interleaved
1
Sequential
7M6
Valid Clock
Edge
X
0
Falling Clock edge
1
Rising Clock edge
6 to 4
M5-M3
Reserved
3
to
1
M2-M0
Burst Length
XXX
001
4 Words
010
8 Words
111
Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com