Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 29Page - STMicroelectronics M58LW032A Datasheet HTML 30Page - STMicroelectronics M58LW032A Datasheet HTML 31Page - STMicroelectronics M58LW032A Datasheet HTML 32Page - STMicroelectronics M58LW032A Datasheet HTML 33Page - STMicroelectronics M58LW032A Datasheet HTML 34Page - STMicroelectronics M58LW032A Datasheet HTML 35Page - STMicroelectronics M58LW032A Datasheet HTML 36Page - STMicroelectronics M58LW032A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
33/61
M58LW032A
Figure 12. Asynchronous Latch Controlled Bus Read AC Waveforms
Note: Asynchronous Read M15 = 1
Table 16. Asynchronous Latch Controlled Bus Read AC Characteristics
Note: For other timings see Table 15, Asynchronous Bus Read Characteristics.
Symbol
Parameter
Test Condition
M58LW032A
Unit
90
110
tAVLL
Address Valid to Latch Enable Low
E = VIL
Min
0
0
ns
tAVLH
Address Valid to Latch Enable High
E = VIL
Min
10
10
ns
tLHLL
Latch Enable High to Latch Enable Low
Min
10
10
ns
tLLLH
Latch Enable Low to Latch Enable High
E = VIL
Min
10
10
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
ns
tLLQX
Latch Enable Low to Output Transition
E = VIL, G = VIL
Min
0
0
ns
tLLQV
Latch Enable Low to Output Valid
E = VIL, G = VIL
Min
90
110
ns
tLHAX
Latch Enable High to Address Transition
E = VIL
Min
6
6
ns
tGLQX
Output Enable Low to Output Transition
E = VIL
Min
0
0
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
Max
25
25
ns
tEHLX
Chip Enable High to Latch Enable Transition
Min
0
0
ns
AI05503
L
E
G
A1-A21
DQ0-DQ15
VALID
tEHLX
tLHLL
tLHAX
tAVLL
tELLL
tLLLH
tEHQX
tGHQZ
tLLQV
tGLQV
OUTPUT
tAVLH
tELLH
tGHQX
tLLQX
tEHQZ
tGLQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com