Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 41Page - STMicroelectronics M58LW032A Datasheet HTML 42Page - STMicroelectronics M58LW032A Datasheet HTML 43Page - STMicroelectronics M58LW032A Datasheet HTML 44Page - STMicroelectronics M58LW032A Datasheet HTML 45Page - STMicroelectronics M58LW032A Datasheet HTML 46Page - STMicroelectronics M58LW032A Datasheet HTML 47Page - STMicroelectronics M58LW032A Datasheet HTML 48Page - STMicroelectronics M58LW032A Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
45/61
M58LW032A
APPENDIX A. BLOCK ADDRESS TABLE
Table 25. Block Addresses
Block Number
Address Range
(x16 Bus Width)
64
1F8000h-1FFFFFh
63
1F0000h-1F7FFFh
62
1E8000h-1EFFFFh
61
1E0000h-1E7FFFh
60
1D8000h-1DFFFFh
59
1D0000h-1D7FFFh
58
1C8000h-1CFFFFh
57
1C0000h-1C7FFFh
56
1B8000h-1BFFFFh
55
1B0000h-1B7FFFh
54
1A8000h-1AFFFFh
53
1A0000h-1A7FFFh
52
198000h-19FFFFh
51
190000h-197FFFh
50
188000h-18FFFFh
49
180000h-187FFFh
48
178000h-17FFFFh
47
170000h-177FFFh
46
168000h-16FFFFh
45
160000h-167FFFh
44
158000h-15FFFFh
43
150000h-157FFFh
42
148000h-14FFFFh
41
140000h-147FFFh
40
138000h-13FFFFh
39
130000h-137FFFh
38
128000h-12FFFFh
37
120000h-127FFFh
36
118000h-11FFFFh
35
110000h-117FFFh
34
108000h-10FFFFh
33
100000h-107FFFh
32
0F8000h-0FFFFFh
31
0F0000h-0F7FFFh
30
0E8000h-0EFFFFh
29
0E0000h-0E7FFFh
28
0D8000h-0DFFFFh
27
0D0000h-0D7FFFh
26
0C8000h-0CFFFFh
25
0C0000h-0C7FFFh
24
0B8000h-0BFFFFh
23
0B0000h-0B7FFFh
22
0A8000h-0AFFFFh
21
0A0000h-0A7FFFh
20
098000h-09FFFFh
19
090000h-097FFFh
18
088000h-08FFFFh
17
080000h-087FFFh
16
078000h-07FFFFh
15
070000h-077FFFh
14
068000h-06FFFFh
13
060000h-067FFFh
12
058000h-05FFFFh
11
050000h-057FFFh
10
048000h-04FFFFh
9
040000h-047FFFh
8
038000h-03FFFFh
7
030000h-037FFFh
6
028000h-02FFFFh
5
020000h-027FFFh
4
018000h-01FFFFh
3
010000h-017FFFh
2
008000h-00FFFFh
1
000000h-007FFFh
Block Number
Address Range
(x16 Bus Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com